Electronic Components Datasheet Search
  English  ▼

X  

TDA8120B Datasheet(PDF) 3 Page - STMicroelectronics

Part # TDA8120B
Description  MULTISTANDARD VIDEO AND SOUND IF SYSTEM
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA8120B Datasheet(HTML) 3 Page - STMicroelectronics

  TDA8120B Datasheet HTML 1Page - STMicroelectronics TDA8120B Datasheet HTML 2Page - STMicroelectronics TDA8120B Datasheet HTML 3Page - STMicroelectronics TDA8120B Datasheet HTML 4Page - STMicroelectronics TDA8120B Datasheet HTML 5Page - STMicroelectronics TDA8120B Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ELECTRICAL CHARACTERISTICS (VS = 12V, Tamb =25
°C)
Symbol
Parameter
Test Conditions
Min. Typ. Max.
Unit
VIDEO IF SECTION VI =10 mVRMS (black field), FO = 38.9MHz ; unless otherwise specified
Vs
Supply Voltage (Pins 4 and 9)
10.8
12
13.2
V
Is
Supply Current
VI= 0
120
mA
V8H
Top White Level
VI =0, RL = 1.5k
Ω
5.5
6
6.5
V
V8L
Top Synchronous Level
2.7
3
3.3
V
V8
Video Output B/G
Modulation Depth, D = 90%, RL = 1.5k
Ω
2.2
3
3.4
Vpp
V8
Video Output L
RL = 1.5k
Ω, M = 100%
2.2
3
3.4
Vpp
∆V8
Video Output Variation between
Standards B/G and L
M = 100%
± 2%
–I8
Output Current
RL = 1.5k
Ω
4mA
I8
Input Current
2
mA
I14
Tuner AGC Current Capability
4.5
mA
S/N
Signal to Noise Ratio
B = 5MHz, D = 90%
50
dB
∆VI
AGC Range
∆V8 = 1dB, D = 90%
60
dB
B
Bandwidth
∆V8 = – 3dB, D = 90%
7
MHz
V16–17
Input Sensitivity for Full Output
Signal
D = 90%
50
µV
V8
Carrier Leakages
Fo = 38.9MHz
Fo = 77.8MHz
20
50
mV
mV
dG
Differential Gain
Subcarrier Modulated Staircase Video
Signal, D = 90%
10
%
d
φ
Differential Phase
Subcarrier Modulated Staircase Video
Signal, D = 90%
10
degree
dIM
Intermodulation Product
1.07MHz
Video Carrier Relative Level = 0dB
Chroma Subcarrier Relative Level = – 3.2dB
Sound Carrier Relative Level = – 20dB
50
dB
Ri
Input Resistance
(between Pins 16 and pin 17)
1.5
k
Ω
Ci
Input Capacitance
(between Pins 16 and pin 17)
2pF
QUASI SPLIT SOUND CHANNEL OR FRENCH SOUND CHANNEL (see notes 1 and 2)
V20–21
Input Sensitivity for Full Output
Signal (between Pins 20 and 21)
R Channel Missing
50
µV
∆Vi
AGC Range
∆V5 = 1dB, R Channel Missing
60
dB
V5
Output Voltage Standard B/G
RL = 600
Ω, AC Coupled, FO = 5.5MHz
100
mVRMS
I5
Output Current
2.5
mA
Z5
Small Signal Output Impedance
(QSS)
FO = 5.5MHz or FO = 5.74MHz
50
k
Ω
Ri
Input Resistance
(between Pin 21 and Pin 20)
1.5
k
Ω
Ci
Input Capacitance
(between Pin 21 and Pin 20)
2pF
S/N
Noise Ratio QSS (after SIF
limitation and FM demodulation)
FO = 5.50MHz
FO = 5.74MHz
Channel R or Channel L Switched off
Fm = 1kHz,
∆f= ± 30kHz
Carrier Modulated with Syncs. Pulses Only.
CCIR 468-2 Recommendant
60
58
dB
V1
Output Voltage Standard L
0.58
0.7
1
VRMS
I1
Output Current
2.5
mA
Z1
AF Output Impedance (L)
50
Ω
S/N
Noise Ratio AM Standard L
BN = 20kHz
46
dB
TDA8120B
3/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com