Electronic Components Datasheet Search
  English  ▼

X  

RT9181 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9181
Description  150mA LDO Regulator with PGOOD
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9181 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9181 Datasheet HTML 1Page - Richtek Technology Corporation RT9181 Datasheet HTML 2Page - Richtek Technology Corporation RT9181 Datasheet HTML 3Page - Richtek Technology Corporation RT9181 Datasheet HTML 4Page - Richtek Technology Corporation RT9181 Datasheet HTML 5Page - Richtek Technology Corporation RT9181 Datasheet HTML 6Page - Richtek Technology Corporation RT9181 Datasheet HTML 7Page - Richtek Technology Corporation RT9181 Datasheet HTML 8Page - Richtek Technology Corporation RT9181 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9181
2
DS9181-14
March 2007
www.richtek.com
Function Block Diagram
Functional Pin Description
Pin Name
Pin Function
VIN
Power Input Voltage
GND
Ground
EN
Chip Enable (Active High)
PGOOD
Power Good Indicator
VOUT
Output Voltage
Timing Diagram
t
D (PG) 2.0ms typ.
V
PGOODH
90% max of V
OUT (normal)
85% min of V
OUT (normal)
V
PGOODL
V
OUT
PGOOD
EN
VIN
+
VOUT
Gate
Control
GND
Thermal
Control
Shutdown
Control
Undervoltage
Lockout
Current
Limit
Output Voltage
Detection
Delay
Timer
Power Good
Control
GOOD
Fault
V
REF
PGOOD



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com