Electronic Components Datasheet Search
  English  ▼

X  

RT9187 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9187
Description  1A, Ultra-Low Dropout, Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9187 Datasheet(HTML) 7 Page - Richtek Technology Corporation

  RT9187 Datasheet HTML 1Page - Richtek Technology Corporation RT9187 Datasheet HTML 2Page - Richtek Technology Corporation RT9187 Datasheet HTML 3Page - Richtek Technology Corporation RT9187 Datasheet HTML 4Page - Richtek Technology Corporation RT9187 Datasheet HTML 5Page - Richtek Technology Corporation RT9187 Datasheet HTML 6Page - Richtek Technology Corporation RT9187 Datasheet HTML 7Page - Richtek Technology Corporation RT9187 Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RT9187
7
DS9187-08 August 2007
www.richtek.com
Load Transient Regulation
Time (100us/Div)
VIN = 3.3V, ILOAD : 50mA to 800mA
(1A/Div)
(50mV/Div)
0
1
0
50
-50
Line Transient Regulation
Time (500us/Div)
VIN = 3.3V to 4.3V, ILOAD : 1A
3.3
4.3
0
100
-100
Load Transient Regulation
Time (100us/Div)
VIN = 3.3V, ILOAD : 50mA to 1A
0
1
0
100
-100
Line Transient Regulation
Time (500us/Div)
VIN = 3.3V to 4.3V, ILOAD : 800mA
3.3
4.3
0
10
-10
PSRR
-80
-60
-40
-20
0
20
0.0
0.1
1.0
10.0
100.0
1000.0 10000.0
Frequency (Hz)
VIN = VEN = 3.8V
10
100
1k
10k
100k
1M
10M
ILOAD = 10mA
ILOAD = 280mA
Region of Stable COUT ESR vs. Load Current
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
Load Current (A)
VIN = 3.3V
VIN = 6.0V
Unstable Range
Simulation Verify
Stable Range



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com