Electronic Components Datasheet Search
  English  ▼

X  

RT9185BGS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9185BGS
Description  Triple, Ultra-Fast CMOS LDO Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9185BGS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9185BGS Datasheet HTML 1Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 2Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 3Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 4Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 5Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 6Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 7Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 8Page - Richtek Technology Corporation RT9185BGS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
RT9185
3
DS9185-11
March 2007
www.richtek.com
Absolute Maximum Ratings
(Note 1)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 7V
Power Dissipation, PD @ TA = 25
°C
SOP-8 -------------------------------------------------------------------------------------------------------------------- 0.625W
TO-252-5 ----------------------------------------------------------------------------------------------------------------- 1.471W
TO-263-5 ----------------------------------------------------------------------------------------------------------------- 2.222W
Package Thermal Resistance (Note 6)
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 160°C/W
TO-252-5,
θJA ----------------------------------------------------------------------------------------------------------- 68°C/W
TO-263-5,
θJA ----------------------------------------------------------------------------------------------------------- 45°C/W
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Electrical Characteristics
(VDD = 5V, CIN = 1
μF, TA = 25°C, for each LDO unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
VOUT1
IOUT1 = 1mA
3.315
3.35
3.415
VOUT2
IOUT2 = 1mA
2.525
2.55
2.60
RT9185A
1.782
1.8
1.836
Output Voltage Accuracy
VOUT3
RT9185B
IOUT3 = 1mA
1.485
1.5
1.530
V
ILIM1
RLOAD = 1Ω
1.5
1.9
--
ILIM2
R LOAD = 1Ω
0.8
1.3
--
Current Limiting
ILIM3
R LOAD = 1Ω
0.3
0.5
--
A
Quiescent Current (triple LDOs)
(Note 5)
IDD
IOUT = 0mA
--
0.4
0.8
mA
ΔVDROP1 IOUT1 = 1.5A
--
600
1085
mV
Dropout Voltage
ΔVDROP2 IOUT2 = 0.8A
--
700
--
mV
Line Regulation (triple LDOs)
ΔVLINE
IOUT = 1mA, VDD = 4V to 6V
--
2
10
mV
ΔVLOAD1 VOUT1, 1mA < IOUT1 <1.5A
--
30
55
ΔVLOAD2 VOUT2, 1mA < IOUT2 <0.8A
--
30
55
Load Regulation
(Note 4)
ΔVLOAD3 VOUT3, 1mA < IOUT3 < 0.3A
--
20
45
mV
Temperature Coefficient
TC
--
30
--
PPM
Thermal Shutdown
TSD
125
165
--
°C
Recommended Operating Conditions
(Note 3)
Supply Input Voltage -------------------------------------------------------------------------------------------------- 3.5V to 5.5V
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com