Electronic Components Datasheet Search
  English  ▼

X  

CS2N60F Datasheet(PDF) 2 Page - HUAJING MICROELECTRONICS

Part # CS2N60F
Description  Silicon N-Channel Power MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUAJING-MICRO [HUAJING MICROELECTRONICS]
Direct Link  http://www.crhj.com.cn
Logo HUAJING-MICRO - HUAJING MICROELECTRONICS

CS2N60F Datasheet(HTML) 2 Page - HUAJING MICROELECTRONICS

  CS2N60F Datasheet HTML 1Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 2Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 3Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 4Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 5Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 6Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 7Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 8Page - HUAJING MICROELECTRONICS CS2N60F Datasheet HTML 9Page - HUAJING MICROELECTRONICS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
WU X I C H IN A RESOURCES HUAJIN G MICROELECTRONICS CO., LTD. Page 2 of 10
20 12
○
R
CS2N60F A9H
Huajing Discrete Devices
Electrical Characteristics(Tc= 25℃ unless otherwise specified):
OFF Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
VDSS
Drain to Source Breakdown Voltage
VGS=0V, ID=250µA
600
--
--
V
ΔBV
DSS/ΔTJ
Bvdss Temperature Coefficient
ID=250uA,Reference25℃
--
0.6
--
V/℃
VDS = 600V, VGS= 0V,
Ta = 25℃
--
--
1
IDSS
Drain to Source Leakage Current
VDS =480V, VGS= 0V,
Ta = 125℃
100
µA
IGSS(F)
Gate to Source Forward Leakage
VGS= 30V
--
--
100
nA
IGSS(R)
Gate to Source Reverse Leakage
VGS =-30V
--
--
-100
nA
ON Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
RDS(ON)
Drain-to-Source On-Resistance
VGS=10V,ID=1.0A
--
3.6
4.5
Ω
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 250µA
2.0
4.0
V
Pulse width tp≤380µs,δ≤2%
Dynamic Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
gfs
Forward Transconductance
VDS=15V, ID =1.0A
1.8
--
S
Ciss
Input Capacitance
--
280
Coss
Output Capacitance
--
31
Crss
Reverse Transfer Capacitance
VGS = 0V VDS = 25V
f = 1.0MHz
--
5.4
pF
Resistive Switching Characteristics
Rating
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Units
td(ON)
Turn-on Delay Time
--
7
--
tr
Rise Time
--
5
--
td(OFF)
Turn-Off Delay Time
--
26
--
tf
Fall Time
ID =2.0A
VDD = 300V
VGS = 10V
RG = 9.1Ω
--
10.5
--
ns
Qg
Total Gate Charge
--
8.5
Qgs
Gate to Source Charge
--
1.5
Qgd
Gate to Drain (“Miller”)Charge
ID =2.0A
VDD =300V
VGS = 10V
--
4.0
nC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com