Electronic Components Datasheet Search
  English  ▼

X  

RT9199PS Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9199PS
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199PS Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9199PS Datasheet HTML 5Page - Richtek Technology Corporation RT9199PS Datasheet HTML 6Page - Richtek Technology Corporation RT9199PS Datasheet HTML 7Page - Richtek Technology Corporation RT9199PS Datasheet HTML 8Page - Richtek Technology Corporation RT9199PS Datasheet HTML 9Page - Richtek Technology Corporation RT9199PS Datasheet HTML 10Page - Richtek Technology Corporation RT9199PS Datasheet HTML 11Page - Richtek Technology Corporation RT9199PS Datasheet HTML 12Page - Richtek Technology Corporation RT9199PS Datasheet HTML 13Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
RT9199
11
DS9199-07
September 2007
www.richtek.com
As shown in Figure 12, the amount of copper area to which the SOP-8 (Exposed Pad) is mounted affects thermal
performance. When mounted to the standard SOP-8 (Exposed Pad) pad of 2 oz. copper (Figure 12.a),
θJA is 86°C/W.
Adding copper area of pad under the SOP-8 (Exposed Pad) (Figure 12.b) reduces the
θJA to 73°C/W. Even further,
increasing the copper area of pad to 70mm2 (Figure 12.d) reduces the
θJA to 65°C/W.
Figure 12. Thermal Resistance vs. Copper Area Layout Thermal Design
(a) Copper Area = 10mm2,
θJA = 86°C/W
(b) Copper Area = 30mm2,
θJA = 73°C/W
(c) Copper Area = 50mm2,
θJA = 68°C/W
(d) Copper Area = 70mm2,
θJA = 65°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com