Electronic Components Datasheet Search
  English  ▼

X  

RT9201 Datasheet(PDF) 7 Page - Richtek Technology Corporation

Part # RT9201
Description  High Efficiency PWM Step-Down DC-DC Converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9201 Datasheet(HTML) 7 Page - Richtek Technology Corporation

Back Button RT9201 Datasheet HTML 3Page - Richtek Technology Corporation RT9201 Datasheet HTML 4Page - Richtek Technology Corporation RT9201 Datasheet HTML 5Page - Richtek Technology Corporation RT9201 Datasheet HTML 6Page - Richtek Technology Corporation RT9201 Datasheet HTML 7Page - Richtek Technology Corporation RT9201 Datasheet HTML 8Page - Richtek Technology Corporation RT9201 Datasheet HTML 9Page - Richtek Technology Corporation RT9201 Datasheet HTML 10Page - Richtek Technology Corporation RT9201 Datasheet HTML 11Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
RT9201
7
DS9201-12 August 2007
www.richtek.com
Current Limit vs. Input Voltage
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
1.12
1.14
2
2.5
3
3.5
4
4.55
5.56
Input Voltage (V)
Output Voltage vs. Output Current
1.80
1.82
1.84
1.86
1.88
1.90
0
100
200
300
400
500
600
700
800
Output Current (mA)
VIN = 3.3V
VOUT = 1.8V
Output Voltage vs. Output Current
3.25
3.28
3.30
3.33
3.35
3.38
3.40
3.43
3.45
0
100
200
300
400
500
600
700
800
Output Current (mA)
VIN = 5V
VOUT = 3.3V
Minimum On-Time vs. Input Voltage
0
50
100
150
200
250
300
2.53
3.5
4
4.5
5
5.56
Input Voltage (V)
VOUT = 1.8V
VOUT = 1.3V
Minimum On-Time vs. Temperature
0
50
100
150
200
250
300
-50
-25
0
25
50
75
100
125
150
Temperature (
°C)
VIN = 3.3V
VOUT = 1.8V
IOUT = 0A
Time (500
µs/Div)
VIN = 3.3V, VOUT = 1.8V
IOUT = 0A to 600mA
100
0
-100
500
0
VOUT
(mV)
IOUT
(mA)
Load Transient Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com