Electronic Components Datasheet Search
  English  ▼

X  

RT9199PSP Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9199PSP
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199PSP Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9199PSP Datasheet HTML 1Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 2Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 3Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 4Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 5Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 6Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 7Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 8Page - Richtek Technology Corporation RT9199PSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
RT9199
5
DS9199-07
September 2007
www.richtek.com
Electrical Characteristics
(VIN = 1.8V, VCNTL = 5V, VREFEN = 0.9V, COUT = 10
μF (Ceramic), TA = 25°C, unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input
VCNTL Operation Current
ICNTL
IOUT = 0A
--
1
2.5
mA
Standby Current (Note 7)
ISTBY
VREFEN < 0.2V (Shutdown),
RLOAD = 180Ω
--
2
90
μA
Output (DDR II)
Output Offset Voltage (Note 5)
VOS
IOUT = 0A
−20
--
+20
mV
IOUT = +1.8A
Load Regulation (Note 6)
ΔVLOAD
IOUT = −1.8A
−20
--
+20
mV
Protection
Current limit
ILIMIT
2.0
--
3.5
A
Thermal Shutdown Temperature TSD
VCNTL = 5V
125
170
--
°C
Thermal Shutdown Hysteresis
ΔTSD
VCNTL = 5V
--
35
--
°C
REFEN Shutdown
VIH
Enable
0.6
--
--
Shutdown Threshold
VIL
Shutdown
--
--
0.15
V
Absolute Maximum Ratings
(Note 1)
Input Voltage, VIN ------------------------------------------------------------------------------------------------------ 6V
Control Voltage, VCNTL ----------------------------------------------------------------------------------------------- 6V
Power Dissipation, PD @ TA = 25
°C
SOP-8 ------------------------------------------------------------------------------------------------------------------- 0.909W
SOP-8 (Exposed Pad) ---------------------------------------------------------------------------------------------- 1.176W
Package Thermal Resistance (Note 4)
SOP-8,
θJA -------------------------------------------------------------------------------------------------------------- 110° C/W
SOP-8,
θJC -------------------------------------------------------------------------------------------------------------- 60° C/W
SOP-8 (Exposed Pad),
θJA ------------------------------------------------------------------------------------------ 86° C/W
SOP-8 (Exposed Pad),
θJC ----------------------------------------------------------------------------------------- 15° C/W
Junction Temperature ------------------------------------------------------------------------------------------------- 125
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ---------------------------------------------------------------------------------------- –65
°C to 150°C
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Recommended Operating Conditions (Note 3)
Input Voltage, VIN ------------------------------------------------------------------------------------------------------ 1.6V to 5.5V
Control Voltage, VCNTL ----------------------------------------------------------------------------------------------- 5V
± 5%
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com