Electronic Components Datasheet Search
  English  ▼

X  

RT9199GSP Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9199GSP
Description  Cost-Effective, 2A Peak Sink/Source Bus Termination Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9199GSP Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9199GSP Datasheet HTML 1Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 2Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 3Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 4Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 5Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 6Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 7Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 8Page - Richtek Technology Corporation RT9199GSP Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9199
2
DS9199-07
September 2007
www.richtek.com
Typical Application Circuit
R1 = R2 = 100k
Ω, RTT = 50Ω / 33Ω / 25Ω
COUT(MIN) = 10
μF (Ceramic) + 1000μF under the worst case testing condition
RDUMMY = 1k
Ω as for VOUT discharge when VIN is not presented but VCNTL is presented
CSS = 1
μF, CIN = 470μF (Low ESR), CCNTL = 47μF
VIN
REFEN
GND
VCNTL
VOUT
RT9199
EN
2N7002
R
1
R
2
C
SS
V
IN = 1.8V
V
CNTL = 5V
C
CNTL
C
IN
R
TT
C
OUT RDUMMY
Test Circuit
Figure 1. Output Voltage Tolerance,
ΔVLOAD
Figure 2. Current in Shutdown Mode, ISTBY
VIN
REFEN
GND
VCNTL
VOUT
RT9199
1.25V
C
OUT
I
L
V
OUT
V
V
IN = 1.8V
V
CNTL = 5V
VIN
REFEN
GND
VCNTL
VOUT
RT9199
V
IN = 1.8V
0.9V
C
OUT
V
OUT
V
R
L
0.9V
0V
R
L and COUT
Time deleay
0.15V
A
V
CNTL = 5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com