Electronic Components Datasheet Search
  English  ▼

X  

74LVTH16244LBR Datasheet(PDF) 5 Page - STMicroelectronics

Part # 74LVTH16244LBR
Description  LOW VOLTAGE BICMOS 16 BIT BUS BUFFER WITH BUS HOLD AND POWER UP 3-STATE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LVTH16244LBR Datasheet(HTML) 5 Page - STMicroelectronics

  74LVTH16244LBR Datasheet HTML 1Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 2Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 3Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 4Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 5Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 6Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 7Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 8Page - STMicroelectronics 74LVTH16244LBR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
74LVTH16244
5/13
DC SPECIFICATIONS
(*) Power Supply Range VCC =3.3±0.3V
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25 °C
-40to 85°C
Min.
Typ.
Max.
Min.
Max.
VIK
Input Voltage Clamp
(An, nG)
2.7
IIK = -18mA
-0.85
-1.2
V
VIH
High Level Input Voltage
(An, nG)
2.7
2.0
2.0
V
3.3 (*)
2.0
2.0
VIL
Low Level Input Voltage
(An, nG)
2.7
0.8
0.8
V
3.3 (*)
0.8
0.8
II
Control Input Leakage
Current
3.6
VI =GND or VCC
± 1
µA
Data Input Leakage
Current
3.6
VI =GND or VCC
nG =GND
± 1
µA
II(HOLD) Data Input Hold Current
3.0
VI =0.8V
135
75
µA
3.0
VI =2.0V
-135
-75
3.6
VI =0 to 3.6V
± 500
µA
VOH
High Level Output
Voltage
2.7
IO = -100 µA
2.5
V
2.7
IO =-8mA
2.4
3.0
IO =-32 mA
2.0
VOL
Low Level Output
Voltage
2.7
IO = 100 µA
0.2
V
2.7
IO =24 mA
0.5
3.0
IO =16 mA
0.4
3.0
IO =32 mA
0.5
3.0
IO =64 mA
0.55
IOZ
High Impedance Output
Leakage Current
3.6
VO = 0.5V or 3.0V
VI =VIL or VIH
nG =VCC
± 5
µA
IOZPU
High Impedance Output
Leakage Current
0to 1.5
VO = 0.5V or 3.0V
VI =GND or VCC
nG =GND or VCC
± 100
µA
IOZPD
High Impedance Output
Leakage Current
1.5 to 0
VO = 0.5V or 3.0V
VI =GND or VCC
nG =GND or VCC
± 100
µA
IOFF
Power Off Leakage
Current
0VI = GND to 3.6V
VO =GND to 3.6V
± 100
µA
ICCA
Quiescent Supply
Current
3.6
VO = High, IO =0
0.19
mA
VO = Low, IO =0
5.0
nG =VCC, IO =0
VO =GND or VCC
0.19
∆I
CC
Maximum Quiescent
Supply Current / Input
(An or nG)
3.3 (*)
VI =VCC -0.6V
An,nG =VCC or GND
0.2
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com