Electronic Components Datasheet Search
  English  ▼

X  

RT9202 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9202
Description  Single Synchronous Buck PWM DC-DC Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9202 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9202 Datasheet HTML 1Page - Richtek Technology Corporation RT9202 Datasheet HTML 2Page - Richtek Technology Corporation RT9202 Datasheet HTML 3Page - Richtek Technology Corporation RT9202 Datasheet HTML 4Page - Richtek Technology Corporation RT9202 Datasheet HTML 5Page - Richtek Technology Corporation RT9202 Datasheet HTML 6Page - Richtek Technology Corporation RT9202 Datasheet HTML 7Page - Richtek Technology Corporation RT9202 Datasheet HTML 8Page - Richtek Technology Corporation RT9202 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
RT9202
2
DS9202-09
March 2007
www.richtek.com
Typical Application Circuit
Figure 1. RT9202 powered from 5V only
Figure 2. RT9202 powered from 12V and 5V
H : shutdown
PHASE
OCSET
FB
VCC
BOOT
UGATE
GND
LGATE
RT9202
81
2
3
4
5
6
7
C2
1uF
R2
250
C6
10nF
C3
1000uF
L1
5uH
ML
MU
R3
120
C4
1uF
SHND
Q1
2N7002
R1
20K
R4
10
5V
C5
1uF
C1
470uF
12V
V
OUT
2.5V
5V
PHASE
OCSET
FB
VCC
BOOT
UGATE
GND
LGATE
RT9202
81
2
3
4
5
6
7
C2
0.1uF
R2
255
C6
10nF
C3
1000uF
L2
5uH
ML
MU
D1
MA732
R3
120
C4
1uF
SHND
H : shutdown
Q1
2N7002
R1
20K
R4 10
5V
C5
1uF
C1
470uF
V
OUT
2.5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com