Electronic Components Datasheet Search
  English  ▼

X  

RT9206GS Datasheet(PDF) 19 Page - Richtek Technology Corporation

Part # RT9206GS
Description  High Efficiency, Synchronous Buck with Dual Linear Controllers
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9206GS Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RT9206GS Datasheet HTML 13Page - Richtek Technology Corporation RT9206GS Datasheet HTML 14Page - Richtek Technology Corporation RT9206GS Datasheet HTML 15Page - Richtek Technology Corporation RT9206GS Datasheet HTML 16Page - Richtek Technology Corporation RT9206GS Datasheet HTML 17Page - Richtek Technology Corporation RT9206GS Datasheet HTML 18Page - Richtek Technology Corporation RT9206GS Datasheet HTML 19Page - Richtek Technology Corporation RT9206GS Datasheet HTML 20Page - Richtek Technology Corporation RT9206GS Datasheet HTML 21Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
RT9206
DS9206-11
March 2007
www.richtek.com
19
Step2. Determine the zero crossover frequency and
compensated type.
Select desired zero-crossover frequency :
Select fC = 20kHz
Step3. Determine desired location of poles and zeros for
type2 compensator.
Select:
Assume
Step4. Calculate the real parameters-resistor and
capacitors for type2 compensator.
From equation (21), the RC1 is calculated as following :
The design procedure as following :
(1). Selecting the zero crossover frequency fC is 1/10 ~
1/20 switching frequency. Then according equation (24)
set the resistor RC1 to determine the zero crossover
frequency.
(
Ω)
(24)
(2). Place the zero of compensator is 70% fp that is
resonance frequency of power stage. The compensator
capacitor Cc1 can be selected to set the zero. The
equation is shown in following :
××
≈×
××
C
OUT
C1
IN
C
REF
Vr
L
fV
R
V
gm
rV
×
×
O
C1
C1
LC
C=
0.7R
π
π
≈
××
××
C2
C1
C1
C1
11
C=
1
R
fs
R
fs-
C
Design example
Design example of type 2 compensator: the schematic is
shown in Figure 4, where the parameters as following:
VIN=12V,
VOUT=5V,
IOUT=5A,
switching
frequency=200kHz, L=15
µH, CO=940µF, rC=22mΩ, the
parameters of RT9206 as following: gm=1.6ms, ramp
amplitude=1.9V,and reference voltage Vref=0.8V.
Step1. Determine the power stage poles and zeros. The
pole caused by the output inductor and output capacitor is
calculated as :
π
π
µµ
π
πµ
××
× ×
××
P
O
Z
CO
11
f =
=
= 1.34kHz
2
L C
2
15
940
11
f =
=
= 7.7kHz
2
r
C
2
22m
Ω 940F
(3). Set a second pole to suppress the switching noise.
Assume the pole is one half of switching frequency
fs, which results in capacitor Cc2 as shows in following:
(F) (26)
≤
C
SS
f
f /10 ~ f /20
××
CZP
f
= 0.7
f = 0.7 1.34kHz = 938Hz
S
CP
f
f
=
= 100kHz
2
µ
××
×
××
××
×Ω
Ω ××
C
O UT
C1
C
IN
R EF
f
L
V rV
R=
r
V
gmV
20kH z
15 H
1.9
5V
=
= 8.4k
22m
12V
1.6m s
0.8V
µµ
××
××
O
C1
C1
L C
15
940
C
=
=
= 20.7nF
0.7 R
0.7 8.2k
Select CC1 = 22nF
Second capacitor CC2 can be calculated using equation
(26)
Select CC2 = 220pF
Select RC1 = 8.2k
Ω
Calculate CC1 from equation (25)
(F)
(25)
194pF
200kHz
8.2k
1
f
R
1
C
S
C1
C2
=
×
Ω
×
=
×
×
=
π
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com