Electronic Components Datasheet Search
  English  ▼

X  

RT9212 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9212
Description  Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9212 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9212 Datasheet HTML 1Page - Richtek Technology Corporation RT9212 Datasheet HTML 2Page - Richtek Technology Corporation RT9212 Datasheet HTML 3Page - Richtek Technology Corporation RT9212 Datasheet HTML 4Page - Richtek Technology Corporation RT9212 Datasheet HTML 5Page - Richtek Technology Corporation RT9212 Datasheet HTML 6Page - Richtek Technology Corporation RT9212 Datasheet HTML 7Page - Richtek Technology Corporation RT9212 Datasheet HTML 8Page - Richtek Technology Corporation RT9212 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
RT9212
Preliminary
DS9212-05 March 2007
1
www.richtek.com
Dual 5V Synchronous Buck PWM DC-DC and Linear Power
Controller
Features
Operating with Single 5V Supply Voltage
Drives All Low Cost N-MOSFETs
Voltage Mode PWM Control
300kHz Fixed Frequency Oscillator
Fast Transient Response :
Full 0% to 100% Duty Ratio
Internal Soft-Start
Adaptive Non-Overlapping Gate Driver
Over-Current Fault Monitor on VCC, No Current
Sense Resistor Required
RoHS Compliant and 100% Lead (Pb)-Free
Applications
Graph Card
Motherboard, Desktop Servers
IA Equipments
Telecomm Equipments
High Power DC-DC Regulators
Pin Configurations
Ordering Information
General Description
The RT9212 is a 3-in-one power controller delivers high
efficiency and tight regulation from two voltage regulating
synchronous buck PWM DC-DC and one linear power
controllers.
The RT9212 can control two independent output voltages
adjustment in range of 0.8V to 4.0V with 180 degrees
channel to channel phase operation to reduce input ripple.
In dual power supply application the RT9212 monitors the
output voltage of both Channel 1 and Channel 2. An
independent PGOOD (power good) signal is asserted for
each channel after the soft-start sequence has completed,
and the output voltage is within
±15% of the set point. The
linear controller drives an external transistor to provide an
adjustable output voltage.
Built-in over-voltage protection prevents the output from
going above 137.5% of the set point by holding the lower
MOSFET on and the upper MOSFET off. Adjustable over-
current protection (OCP) monitors the voltage drop across
the RDS(ON) of the upper MOSFET for each synchronous
buck PWM DC-DC controller individually.
(TOP VIEW)
UGATE1
BOOT1
PHASE1
NC
OCSET2/SD
OCSET1/SD
PVCC1
PGND1
FB1
COMP1
FB2
PGOOD
NC
LGATE1
FBL
NC
GNDA
VCC
DRV
PHASE2
BOOT2
PGND2
LGATE2
UGATE2
4
5
6
19
20
21
7
8
9
16
17
18
10
11
12
13
14
15
2
3
22
23
24
TSSOP-24
Note :
RichTek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
RT9212
Package Type
C : TSSOP-24
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)


Similar Part No. - RT9212

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9210 RICHTEK-RT9210 Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210GC RICHTEK-RT9210GC Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210GS RICHTEK-RT9210GS Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210PC RICHTEK-RT9210PC Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
RT9210PS RICHTEK-RT9210PS Datasheet
349Kb / 17P
Dual 5V Synchronous Buck DC-DC PWM Controller for DDR Memory VDDQ and VTT Termination
More results

Similar Description - RT9212

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
12V Synchronous Buck PWM DC-DC and Linear Power Controller
logo
Monolithic Power System...
MP2910 MPS-MP2910 Datasheet
742Kb / 15P
Synchronous Buck PWM DC-DC and Linear Power Controller
EV2910ES-00A MPS-EV2910ES-00A Datasheet
348Kb / 5P
5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com