Electronic Components Datasheet Search
  English  ▼

X  

RT9212PC Datasheet(PDF) 14 Page - Richtek Technology Corporation

Part # RT9212PC
Description  Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9212PC Datasheet(HTML) 14 Page - Richtek Technology Corporation

Back Button RT9212PC Datasheet HTML 6Page - Richtek Technology Corporation RT9212PC Datasheet HTML 7Page - Richtek Technology Corporation RT9212PC Datasheet HTML 8Page - Richtek Technology Corporation RT9212PC Datasheet HTML 9Page - Richtek Technology Corporation RT9212PC Datasheet HTML 10Page - Richtek Technology Corporation RT9212PC Datasheet HTML 11Page - Richtek Technology Corporation RT9212PC Datasheet HTML 12Page - Richtek Technology Corporation RT9212PC Datasheet HTML 13Page - Richtek Technology Corporation RT9212PC Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
RT9212
Preliminary
DS9212-05 March 2007
14
www.richtek.com
Richtek Technology Corporation
Headquarter
5F, No. 20, Taiyuen Street, Chupei City
Hsinchu, Taiwan, R.O.C.
Tel: (8863)5526789 Fax: (8863)5526611
Richtek Technology Corporation
Taipei Office (Marketing)
8F, No. 137, Lane 235, Paochiao Road, Hsintien City
Taipei County, Taiwan, R.O.C.
Tel: (8862)89191466 Fax: (8862)89191465
Email: marketing@richtek.com
E
D
A
A2
A1
b
L
E1
e
24-Lead TSSOP Plastic Package
Outline Dimension
Dimensions In Millimeters
Dimensions In Inches
Symbol
Min
Max
Min
Max
A
0.850
1.200
0.033
0.047
A1
0.050
0.150
0.002
0.006
A2
0.800
1.050
0.031
0.041
b
0.190
0.300
0.007
0.012
D
7.700
7.900
0.303
0.311
e
0.650
0.026
E
6.300
6.500
0.248
0.256
E1
4.300
4.500
0.169
0.177
L
0.450
0.750
0.018
0.030



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com