Electronic Components Datasheet Search
  English  ▼

X  

RT9232B Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9232B
Description  Programmable Frequency Synchronous Buck PWM Controller
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9232B Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9232B Datasheet HTML 6Page - Richtek Technology Corporation RT9232B Datasheet HTML 7Page - Richtek Technology Corporation RT9232B Datasheet HTML 8Page - Richtek Technology Corporation RT9232B Datasheet HTML 9Page - Richtek Technology Corporation RT9232B Datasheet HTML 10Page - Richtek Technology Corporation RT9232B Datasheet HTML 11Page - Richtek Technology Corporation RT9232B Datasheet HTML 12Page - Richtek Technology Corporation RT9232B Datasheet HTML 13Page - Richtek Technology Corporation RT9232B Datasheet HTML 14Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
RT9232B
12
DS9232B-03
March 2007
www.richtek.com
MOSFET Selection
The selection of MOSFETs is based upon the
considerations of RDS(ON), gate driving requirements, and
thermal management requirements. The power loss of
upper MOSFET consists of conduction loss and switching
loss and is expressed as :
where TRISE and TFALL are rising and falling time of VDS of
upper MOSFET respectively. RDS(ON) and QG should be
simultaneously considered to minimize power loss of upper
MOSFET.
The power loss of lower MOSFET consists of conduction
loss, reverse recovery loss of body diode, and conduction
loss of body diode and is expressed as :
where TDIODE is the conducting time of lower body diode.
Special control scheme is adopted to minimize body diode
conducting time. As a result, the RDS(ON) loss dominates
the power loss of lower MOSFET. Use MOSFET with
adequate RDS(ON) to minimize power loss and satisfy
thermal requirements.
Feedback Compensation
Figure 2 highlights the voltage-mode control loop for a
synchronous buck converter. Figure 3 shows the
corresponding Bode plot. The output voltage (VOUT) is
regulated to the reference voltage. The error amplifier EA
output (COMP) is compared with the oscillator (OSC)
sawtooth wave to provide a pulse-width modulated (PWM)
wave with an amplitude of VIN at the PHASE node. The
PWM wave is smoothed by the output filter (L and COUT).
The modulator transfer function is the small-signal transfer
function of VOUT/COMP. This function is dominated by a
DC gain and the output filter (L and COUT), with a double
pole break frequency at FP_LC and a zero at FZ_ESR. The
DC gain of the modulator is simply the input voltage (VIN)
divided by the peak-to-peak oscillator voltage
ΔV
OSC
.
(8)
The break frequency FLC and FESR are expressed as
Equation (10) and (11) respectively.
The compensation network consists of the error amplifier
EA and the impedance networks ZIN and ZFB. The goal of
the compensation network is to provide a closed loop
transfer function with the highest DC gain, the highest
0dB crossing frequency (FC) and adequate phase margin.
Typically, FC in range 1/5~1/10 of switching frequency is
adequate. The higher FC is, the faster dynamic response
is. A phase margin in the range of 45
°C~ 60°C is desirable.
The equations below relate the compensation network’s
poles, zeros and gain to the components (R1, R2, R3,
C1, C2, and C3) in Figure 2.
(12)
(13)
(14)
(15)
(10)
(11)
-
+
+
-
OSC
ΔV
OSC
Z
FB
Z
IN
V
IN
Driver
Driver
REF
PWM
Comparator
V
E/A
EA
+
-
REF
EA
Z
FB
Z
IN
V
OUT
FB
COMP
C1
C2
C3
R1
R2
R3
ESR
PHASE
C
OUT
V
OUT
L
Figure 2
OSC
FALL
RISE
IN
OUT
DS(ON)
OUT
SW_UPPER
COND_UPPER
UPPER
f
)
T
(T
V
I
2
1
D
R
I
P
P
P
2
×
+
×
×
+
×
×
=
+
=
OSC
DIODE
F
OUT
OSC
IN
RR
DS(ON)
OUT
DIODE
RR
COND_LOWER
LOWER
f
T
V
I
2
1
f
V
Q
D)
-
(1
R
I
P
P
P
P
2
×
×
×
+
×
×
+
×
×
=
+
+
=
(9)
OUT
Z_ESR
OUT
P_LC
C
ESR
2
1
F
LC
2
1
F
×
×
=
=
π
π
C3
R3
2
1
F
C2
C1
C2
C1
R2
2
1
F
C3
)
R3
(R1
2
1
F
C1
R2
2
1
F
P2
P1
Z2
Z1
×
×
=
+
×
×
×
=
×
+
×
=
×
×
=
π
π
π
π



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com