Electronic Components Datasheet Search
  English  ▼

X  

RT9243PS Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9243PS
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9243PS Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9243PS Datasheet HTML 8Page - Richtek Technology Corporation RT9243PS Datasheet HTML 9Page - Richtek Technology Corporation RT9243PS Datasheet HTML 10Page - Richtek Technology Corporation RT9243PS Datasheet HTML 11Page - Richtek Technology Corporation RT9243PS Datasheet HTML 12Page - Richtek Technology Corporation RT9243PS Datasheet HTML 13Page - Richtek Technology Corporation RT9243PS Datasheet HTML 14Page - Richtek Technology Corporation RT9243PS Datasheet HTML 15Page - Richtek Technology Corporation RT9243PS Datasheet HTML 16Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
RT9243
12
DS9243-07 March 2007
www.richtek.com
Application Information
RT9243 is a multi-phase DC/DC controller that precisely
regulates CPU core voltage and balances the current of
different power channels. The converter consisting of
RT9243 and its companion MOSFET driver provides high
quality CPU power and all protection functions to meet
the requirement of modern VRM.
Voltage Control
RT9243 senses the CPU VCORE by an precise instrumental
amplifier to minimize the voltage drop on PCB trace at
heavy load. VSEN & SGND are the differential inputs. VDIF
is the output node of the differential voltage & the input for
PGOOD & OVP sense. The internal high accuracy VID
DAC provides the reference voltage for VRD10.x com-
pliance. Control loop consists of error amplifier, multi-phase
pulse width modulator, driver and power components. Like
conventional voltage mode PWM controller, the output
voltage is locked at the VREF of error amplifier and the
error signal is used as the control signal VC of pulse width
modulator. The PWM signals of different channels are
generated by comparison of EA output and split-phase
saw-tooth wave. Power stage transforms VIN to output by
PWM signal on-time ratio.
Current Balance
RT9243 senses the current of low side MOSFET in each
synchronous rectifier when it is conducting for channel
current balance and droop tuning. The differential sensing
GM amplifier converts the voltage on the sense component
(can be a sense resistor or the RDS(ON) of the low side
MOSFET) to current signal into internal balance circuit.
The current balance circuit sums and averages the current
signals and then produces the balancing signals injected
to pulse width modulator. If the current of some power
channel is greater than average, the balancing signal
reduces the output pulse width to keep the balance.
Load Droop
The sensed power channel current signals regulate the
reference of DAC to form a output voltage droop
proportional to the load current. The droop or so-called
“active voltage positioning” can reduce the output voltage
ripple at load transient and the LC filter size.
Fault Detection
The chip detects VCORE for over voltage and power good
detection. The “hiccup mode” operation of over-current
protection is adopted to reduce the short circuit current.
The inrush current at the start up is suppressed by the
soft start circuit through clamping the pulse width and
output voltage.
Phase Setting and Converter Start Up
RT9243 interfaces with companion MOSFET drivers (like
RT9600, RT9602 series) for correct converter initialization.
The tri-state PWM output (high, low and high impedance)
pins sense the interface voltage at IC POR period (both
VCC and DVDtrip). The channel is enabled if the pin voltage
is 1.2V less than VCC. Please tie the PWM output to
VCC and the current sense pins to GND or left floating if
the channel is unused. For 3-Channel application, connect
PWM4 high.
Current Sensing Setting
RT9243 senses the current of low side MOSFET in each
synchronous rectifier when it is conducting for channel
current balance and droop tuning. The differential sensing
GM amplifier converts the voltage on the sense component
(can be a sense resistor or the RDS(ON) of the low side
MOSFET) to current signal into internal circuit (see
Figure 1).
Figure 1. Current Sense Circuit
+
-
GM
I
L
R
S
ISPx
ISNx
R
SP1
R
SN1
I
BP
I
BN
I
X
Sample & Hold
Current
Balance
Droop Tune
Over-Current
Detection
<
<
<



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com