Electronic Components Datasheet Search
  English  ▼

X  

RT9245PC Datasheet(PDF) 17 Page - Richtek Technology Corporation

Part # RT9245PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245PC Datasheet(HTML) 17 Page - Richtek Technology Corporation

Back Button RT9245PC Datasheet HTML 13Page - Richtek Technology Corporation RT9245PC Datasheet HTML 14Page - Richtek Technology Corporation RT9245PC Datasheet HTML 15Page - Richtek Technology Corporation RT9245PC Datasheet HTML 16Page - Richtek Technology Corporation RT9245PC Datasheet HTML 17Page - Richtek Technology Corporation RT9245PC Datasheet HTML 18Page - Richtek Technology Corporation RT9245PC Datasheet HTML 19Page - Richtek Technology Corporation RT9245PC Datasheet HTML 20Page - Richtek Technology Corporation RT9245PC Datasheet HTML 21Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
RT9245
17
DS9245-06
March 2007
www.richtek.com
Design Procedure Suggestion
a.Output filter pole and zero (Inductor, output capacitor
value & ESR).
b.Error amplifier compensation & sawtooth wave amp-
litude (compensation network).
c.Kelvin sense for VCORE.
Current Loop Setting
a.GM amplifier S/H current (current sense component
DCR, CSN pin external resistor value).
b.Over-current protection trip point (RIMAX resistor).
VRM Load Line Setting
a.Droop amplitude (ADJ pin resistor).
b.No load offset (RCSN2)
c.DAC offset voltage setting (VOSS pin & compen- sation
network resistor RB1).
Power Sequence & SS
DVD pin external resistor and SS pin capacitor.
PCB Layout
a.Kelvin sense for current sense GM amplifier input.
b.Refer to layout guide for other items.
Voltage Loop Setting
Design Example
Given:
Apply for four phase converter
VIN = 12V
VCORE = 1.5V
ILOAD (MAX) = 100A
VDROOP = 100mV at full load (1m
Ω Load Line)
OCP trip point set at 40A for each channel (S/H)
DCR = 1m
Ω of inductor at 25°C
L = 1.5
μH
COUT = 8000
μF with 5mΩ equivalent ESR.
1. Compensation Setting
a. Modulator Gain, Pole and Zero:
From the following formula:
Modulator Gain =VIN/VRAMP =12/2.4=5 (i.e 14dB)
where VRAMP : ramp amplitude of saw-tooth wave
LC Filter Pole = = 1.45kHz and
ESR Zero =3.98kHz
b. EA Compensation Network:
Select R1 = 4.7k, R2 = 15k, C1 = 12nF, C2 = 68pF and
use the Type 2 compensation scheme shown in Figure
25. By calculation, the FZ = 0.88kHz, FP = 322kHz and
Middle Band Gain is 3.19 (i.e 10.07dB).
Figure 25. Type 2 compensation network of EA
The bode plot of EA compensation is shown as Figure 26.
The bode plot of power stage is shown as Figure 27. The
total loop gain is in Figure 28.
3. Over-Current Protection Setting
Consider the temperature coefficient of copper
3900ppm/
°C,
Let RIMAX = 14k
Ω
4. Soft-Start Capacitor Selection
For most application cases, 0.1
μF is a good engineering
value.
EA
RB2
RB1
+
-
15k
C1
12nF
C2 68pF
4.7k
Ω
Ω
×
×
⇔
×
×
×
⇔
×
330
1.39m
40A
3
1
R
1.690V
2
1
R
DCR
I
3
1
R
V
2
1
IMAX
COMMON
L
IMAX
IMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com