Electronic Components Datasheet Search
  English  ▼

X  

RT9245APC Datasheet(PDF) 11 Page - Richtek Technology Corporation

Part # RT9245APC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9245APC Datasheet(HTML) 11 Page - Richtek Technology Corporation

Back Button RT9245APC Datasheet HTML 7Page - Richtek Technology Corporation RT9245APC Datasheet HTML 8Page - Richtek Technology Corporation RT9245APC Datasheet HTML 9Page - Richtek Technology Corporation RT9245APC Datasheet HTML 10Page - Richtek Technology Corporation RT9245APC Datasheet HTML 11Page - Richtek Technology Corporation RT9245APC Datasheet HTML 12Page - Richtek Technology Corporation RT9245APC Datasheet HTML 13Page - Richtek Technology Corporation RT9245APC Datasheet HTML 14Page - Richtek Technology Corporation RT9245APC Datasheet HTML 15Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
RT9245A
11
DS9245A-05 March 2007
www.richtek.com
Typical Operating Characteristics
Adjustable Frequency
0
100
200
300
400
500
600
700
0
10
2030
4050
6070
RRT (kW)
(k
Ω)
PWM vs. VCOMP
0
10
20
30
40
50
60
70
0.5
1
1.5
2
2.5
3
3.5
VCOMP (V)
RRT = 16k
Ω
Ripple
Time (2.5
μs/Div)
(5mV/Div)
VCORE
L = 0.3
μH, C = 5600μF
Power-On @ IOUT = 60A
Time (10ms/Div)
UGATE
LGATE
VSS
PWM
CH3:(20V/Div)
CH4:(10V/Div)
CH1:(5V/Div)
CH2:(5V/Div)
CH1:(5V/Div)
CH2:(5V/Div)
Relationship Between Inductor
Current and VADJ
Time (25ms/Div)
VSS
PWM
VADJ
IL
CH3:(50mV/Div)
CH4:(20A/Div)
CH3:(10V/Div)
CH4:(1V/Div)
Power-Off @ IOUT = 60A
Time (10
μs/Div)
VCOMP
PWM
UGATE
LGATE
CH1:(5V/Div)
CH2:(20V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com