Electronic Components Datasheet Search
  English  ▼

X  

RT9246PC Datasheet(PDF) 9 Page - Richtek Technology Corporation

Part # RT9246PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9246PC Datasheet(HTML) 9 Page - Richtek Technology Corporation

Back Button RT9246PC Datasheet HTML 5Page - Richtek Technology Corporation RT9246PC Datasheet HTML 6Page - Richtek Technology Corporation RT9246PC Datasheet HTML 7Page - Richtek Technology Corporation RT9246PC Datasheet HTML 8Page - Richtek Technology Corporation RT9246PC Datasheet HTML 9Page - Richtek Technology Corporation RT9246PC Datasheet HTML 10Page - Richtek Technology Corporation RT9246PC Datasheet HTML 11Page - Richtek Technology Corporation RT9246PC Datasheet HTML 12Page - Richtek Technology Corporation RT9246PC Datasheet HTML 13Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
RT9246
9
DS9246-06
March 2007
www.richtek.com
Transient Response
PWM3
PWM2
PWM1
VCORE
Time (200us/Div)
Soft Start
Time (10ms/Div)
SS (1V/Div)
VCORE (200mV/Div)
PGOOD (1V/Div)
VCORE
VID
SS
(5V/Div)
(500mV/Div)
(500mV/Div)
VID On Fly Falling
Time (200ns/Div)
CSS2 = 0F
VCORE
VID
SS
(5V/Div)
(500mV/Div)
(500mV/Div)
VID On Fly Rising
Time (200ns/Div)
CSS2 = 0F
OCP Steady State
Time (20ms/Div)
PWM
SS
IPWM3
ILOAD = 30A to short
(5V/Div)
(10A/Div)
(5V/Div)
OCP Power Up
Time (40ms/Div)
ILOAD = short
PWM
SS
IPWM3
(5V/Div)
(5A/Div)
(5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com