Electronic Components Datasheet Search
  English  ▼

X  

RT9248PC Datasheet(PDF) 5 Page - Richtek Technology Corporation

Part # RT9248PC
Description  Multi-Phase PWM Controller for CPU Core Power Supply
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9248PC Datasheet(HTML) 5 Page - Richtek Technology Corporation

  RT9248PC Datasheet HTML 1Page - Richtek Technology Corporation RT9248PC Datasheet HTML 2Page - Richtek Technology Corporation RT9248PC Datasheet HTML 3Page - Richtek Technology Corporation RT9248PC Datasheet HTML 4Page - Richtek Technology Corporation RT9248PC Datasheet HTML 5Page - Richtek Technology Corporation RT9248PC Datasheet HTML 6Page - Richtek Technology Corporation RT9248PC Datasheet HTML 7Page - Richtek Technology Corporation RT9248PC Datasheet HTML 8Page - Richtek Technology Corporation RT9248PC Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
RT9248
Preliminary
5
DS9248-05
March 2007
www.richtek.com
Pin Name
Nominal Output Voltage DACOUT
VID4
VID3
VID2
VID1
VID0
VID125 = H
VID125 = L
1
1
1
1
1
No CPU
No CPU
0
1
0
0
1
0.850V
1.625V
0
1
0
0
0
0.875V
1.650V
0
0
1
1
1
0.900V
1.675V
0
0
1
1
0
0.925V
1.700V
0
0
1
0
1
0.950V
1.725V
0
0
1
0
0
0.975V
1.750V
0
0
0
1
1
1.000V
1.775V
0
0
0
1
0
1.025V
1.800V
0
0
0
0
1
1.050V
1.825V
0
0
0
0
0
1.075V
1.850V
1
1
1
1
0
1.100V
1.100V
1
1
1
0
1
1.125V
1.125V
1
1
1
0
0
1.150V
1.150V
1
1
0
1
1
1.175V
1.175V
1
1
0
1
0
1.200V
1.200V
1
1
0
0
1
1.225V
1.225V
1
1
0
0
0
1.250V
1.250V
1
0
1
1
1
1.275V
1.275V
1
0
1
1
0
1.300V
1.300V
1
0
1
0
1
1.325V
1.325V
1
0
1
0
0
1.350V
1.350V
1
0
0
1
1
1.375V
1.375V
1
0
0
1
0
1.400V
1.400V
1
0
0
0
1
1.425V
1.425V
1
0
0
0
0
1.450V
1.450V
0
1
1
1
1
1.475V
1.475V
0
1
1
1
0
1.500V
1.500V
0
1
1
0
1
1.525V
1.525V
0
1
1
0
0
1.550V
1.550V
0
1
0
1
1
1.575V
1.575V
0
1
0
1
0
1.600V
1.600V
Table 1. Output Voltage Program
Note: (1) 0: Connected to GND
(2) 1: Open
(3) For VID125, H: VCC, L: GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com