Electronic Components Datasheet Search
  English  ▼

X  

RT9256 Datasheet(PDF) 13 Page - Richtek Technology Corporation

Part # RT9256
Description  Actively Alternative Mode Two-Phase / Dual Switching PWM Controller
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9256 Datasheet(HTML) 13 Page - Richtek Technology Corporation

Back Button RT9256 Datasheet HTML 9Page - Richtek Technology Corporation RT9256 Datasheet HTML 10Page - Richtek Technology Corporation RT9256 Datasheet HTML 11Page - Richtek Technology Corporation RT9256 Datasheet HTML 12Page - Richtek Technology Corporation RT9256 Datasheet HTML 13Page - Richtek Technology Corporation RT9256 Datasheet HTML 14Page - Richtek Technology Corporation RT9256 Datasheet HTML 15Page - Richtek Technology Corporation RT9256 Datasheet HTML 16Page - Richtek Technology Corporation RT9256 Datasheet HTML 17Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
RT9256
Preliminary
13
DS9256-07 August 2007
www.richtek.com
Dead Time
LGATE1 (2V/Div)
UGATE1 (2V/Div)
Time (20ns/Div)
PHASE1 (2V/Div)
VIN = 5V
IOUT = 10A
Dead Time
LGATE1 (2V/Div)
UGATE1 (2V/Div)
Time (20ns/Div)
PHASE1 (2V/Div)
VIN = 5V
IOUT = 10A
Ripple & Noise
Time (1us/Div)
LGATE1
(10V/Div)
UGATE1
(10V/Div)
VOUT (10mV/Div)
OCP
Time (20ms/Div)
VIN = 12V
VOUT
(500mV/Div)
SS1
(2V/Div)
UGATE1
(20V/Div)
Turn On @OCP
Time (20ms/Div)
VIN = 12V
VOUT
(500mV/Div)
SS1
(2V/Div)
UGATE1
(20V/Div)
EN (5V/Div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com