Electronic Components Datasheet Search
  English  ▼

X  

RT9261 Datasheet(PDF) 4 Page - Richtek Technology Corporation

Part # RT9261
Description  VFM Step-Up DC/DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9261 Datasheet(HTML) 4 Page - Richtek Technology Corporation

  RT9261 Datasheet HTML 1Page - Richtek Technology Corporation RT9261 Datasheet HTML 2Page - Richtek Technology Corporation RT9261 Datasheet HTML 3Page - Richtek Technology Corporation RT9261 Datasheet HTML 4Page - Richtek Technology Corporation RT9261 Datasheet HTML 5Page - Richtek Technology Corporation RT9261 Datasheet HTML 6Page - Richtek Technology Corporation RT9261 Datasheet HTML 7Page - Richtek Technology Corporation RT9261 Datasheet HTML 8Page - Richtek Technology Corporation RT9261 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
RT9261/A
Preliminary
4
DS9261/A-12 March 2007
www.richtek.com
Functional Pin Description
Function Block Diagram
Pin No.
-xxCX
A-xxCX
-xxCB
A-xxCB
Pin Name
Pin Function
1
1
4
4
GND
Ground
2
2
2
2
VOUT
Output Voltage
3
--
5
--
LX
Pin for Switching
--
3
--
5
EXT
Drive External Device
--
--
1
1
EN
Chip Enable (Active High)
--
--
3
3
NC
No Connected
V
LX Limiter
Buffer
Chip Enable
VFM Control
+
-
Error
Amplifier
V
REF
VOUT
EN
LXSW
GND
EXT
LX
OSC 100kHz
Notes:
(1) LX Pin......
only for 9261-
CX and 9261-
CB
(2) EXT Pin....
only for 9261A-
CX and 9261A-
CB
(3) EN Pin......
only for 9261-
CB and 9261A-
CB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com