Electronic Components Datasheet Search
  English  ▼

X  

RT9262 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9262
Description  High Efficiency, Low Supply Current, Step-up DC/DC Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9262 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9262 Datasheet HTML 1Page - Richtek Technology Corporation RT9262 Datasheet HTML 2Page - Richtek Technology Corporation RT9262 Datasheet HTML 3Page - Richtek Technology Corporation RT9262 Datasheet HTML 4Page - Richtek Technology Corporation RT9262 Datasheet HTML 5Page - Richtek Technology Corporation RT9262 Datasheet HTML 6Page - Richtek Technology Corporation RT9262 Datasheet HTML 7Page - Richtek Technology Corporation RT9262 Datasheet HTML 8Page - Richtek Technology Corporation RT9262 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9262/A
Preliminary
2
DS9262/A-11 March 2007
www.richtek.com
Figure 1. RT9262 Typical Application for Portable Instruments below 400mA
Figure 2. RT9262A Typical Application for Portable Instruments below 400mA
Figure 3. Application Circuit with Zero-Output-Current Shutdown Mode Control
Typical Application Circuit
VDD
EN
LBO
LFB
EXT
LX
FB
RT9262
GND
100pF
R1
1.6M
L1
4.7uF
C1
100uF
C2
1uF
R2
980K
V
IN
C3
100uF
C4
R4
R3
Low Battery
Warning Output
(Open Collector)
3.3V
V
OUT1
D1
VDD
EN
LDO O
LFB
EXT
LX
FB
RT9262
GND
100pF
R1
1.6M
L1
4.7uF
C1
100uF
C2
1uF
R2
980K
V
IN
C3
100uF
C4
C5
10uF
3.3V
V
OUT
D1
Chip
Enable
VDD
EN
LDO O
LFB
EXT
LX
FB
RT9262
GND
100pF
R1
1.6M
L1
4.7uF
C1
100uF
C2
1uF
R2
980K
V
IN
C3
100uF
C4
C5
1nF
R4
1.3M
C6
680K
R3
10uF
2.5V
V
OUT2
V
OUT1
3.3V
D1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com