Electronic Components Datasheet Search
  English  ▼

X  

RT9271PB Datasheet(PDF) 12 Page - Richtek Technology Corporation

Part # RT9271PB
Description  White LED Step-Up Converter in Tiny Package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9271PB Datasheet(HTML) 12 Page - Richtek Technology Corporation

Back Button RT9271PB Datasheet HTML 7Page - Richtek Technology Corporation RT9271PB Datasheet HTML 8Page - Richtek Technology Corporation RT9271PB Datasheet HTML 9Page - Richtek Technology Corporation RT9271PB Datasheet HTML 10Page - Richtek Technology Corporation RT9271PB Datasheet HTML 11Page - Richtek Technology Corporation RT9271PB Datasheet HTML 12Page - Richtek Technology Corporation RT9271PB Datasheet HTML 13Page - Richtek Technology Corporation RT9271PB Datasheet HTML 14Page - Richtek Technology Corporation RT9271PB Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
RT9271
12
DS9271-13 March 2007
www.richtek.com
DS(ON)
DS
OUT
DS
OUT
R
Ib
V
Ik
3VFk
V
R6
R5
R4
Ib
V
3VFb
V
R3
×
=
−
=
=
=
−
−
=
(4)
(5)
Figure 10. Constant output voltage for backlight and keypad
Figure 11. Constant output current for backlight and keypad
VCC
EN
GND
LX
FB
RT9271
PWM >22kHz
C1
2.2uF
C3
1uF
D1
SS0520
LX
10uH
R2
5.1k
OVP
V
IN
R1
239k
PWM
+
VFb
-
Ib
R3
R4
+
VFk
-
Ik
R5
Ik
R6
Ik
V
OUT =12V
backlight
keypad
VCC
EN
GND
LX
FB
RT9271
C1
1uF
C3
1uF
LX
10uH
R2
12
OVP
D2
D4
D3
R4
23.7k
R3
10k
D1
SS0520
V
IN
Rdc
100k
Cdc
0.1uF
PWM signal
0V
2.8V
V
FB
V
LED
R5
+
VFk
-
Ik
R6
Ik
R7
Ik
V
OUT
keypad
(6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com