Electronic Components Datasheet Search
  English  ▼

X  

RT9278 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9278
Description  High Efficiency Boost LDO Converter & High Power White LED Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9278 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9278 Datasheet HTML 1Page - Richtek Technology Corporation RT9278 Datasheet HTML 2Page - Richtek Technology Corporation RT9278 Datasheet HTML 3Page - Richtek Technology Corporation RT9278 Datasheet HTML 4Page - Richtek Technology Corporation RT9278 Datasheet HTML 5Page - Richtek Technology Corporation RT9278 Datasheet HTML 6Page - Richtek Technology Corporation RT9278 Datasheet HTML 7Page - Richtek Technology Corporation RT9278 Datasheet HTML 8Page - Richtek Technology Corporation RT9278 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9278
Preliminary
2
DS9278-04 August 2007
www.richtek.com
Typical Application Circuit
Figure 1. Novel Up-Down Driver for Power LED with Strobe Mode
Figure 3. Synchronous Boost Converter with Load Disconnect in Shutdown
Note :
l
Patent Pending.
l
The GPIO Signal has to pull high before enable IC.
Figure 2. Novel Up-Down Driver for Power LED with Strobe Mode and Movie Mode
Note : Patent Pending.
4
3
1
2
8
7
9
5
V
IN
LX
EN
LFB
LDRI
PGND
FB
VOUT
VDD
C1
C4
C3
C2
R1
RT9278
10uF
1uF
GND
COMP
R2
2.2nF
10uF
L1
510k
2.5k
4.7uH
3.3V
10
C5
100pF
R3
470k
R4
150k
Q1
AO3403
6
Chip Shutdown
Chip Enable
V
OUT
4
3
1
2
10
7
9
5
V
IN
LX
EN
LFB
LDRI
PGND
FB
VOUT
VDD
C1
C3
C2
R1
RT9278
4.7uF
1uF
GND
COMP
C4
12nF
L1
2.2uF
2.2k
1 to 10uH
8
R2
300k
D1
Power LED
R3
0.28
Q1
AO7401
Chip
Shutdown
Chip Enable
6
100ms
700mA
100ms
R3)
x
(I
0.2
R4
x
0.2)
(GPIO_HI
R5
I
0.2
R3
1k
Ω
R4
Movie
Strobe
−
−
=
=
=
4
3
1
2
10
7
9
5
V
IN
LX
EN
LFB
LDRI
PGND
FB
VOUT
VDD
C1
C3
C2
R1
RT9278
4.7uF
1uF
GND
COMP
C4
12nF
L1
2.2uF
2.2k
8
R2
300k
D1
Power LED
R3
0.28
Q1
AO3403
Chip Shutdown
Chip Enable
6
R4 1k
R5
18.2k
GPIO
0V
2.8V
GPIO
100ms
700mA
200mA
I
Movie
I
strobe
1 to 10uH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com