Electronic Components Datasheet Search
  English  ▼

X  

RT9287 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9287
Description  Boost Converter for OLED Power with Dual LDO
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9287 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9287 Datasheet HTML 1Page - Richtek Technology Corporation RT9287 Datasheet HTML 2Page - Richtek Technology Corporation RT9287 Datasheet HTML 3Page - Richtek Technology Corporation RT9287 Datasheet HTML 4Page - Richtek Technology Corporation RT9287 Datasheet HTML 5Page - Richtek Technology Corporation RT9287 Datasheet HTML 6Page - Richtek Technology Corporation RT9287 Datasheet HTML 7Page - Richtek Technology Corporation RT9287 Datasheet HTML 8Page - Richtek Technology Corporation RT9287 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
RT9287
Preliminary
2
DS9287-01 August 2007
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
VDD1
LDO Power Input Voltage.
2
EN1
LDO Channel 1 Enable. (Active High).
3
EN2
LDO Channel 2 Enable. (Active High).
4
ENB
Boost Enable (Active High). Voltage sensing input to trigger the function of over
voltage protection. Note that this pin is high impedance. There should be a pull
low 100k
Ω resistor connected to GND when the control signal is floating.
5
FB
Boost Feedback Reference Voltage Pin. Series connect a resistor between
WLED and ground as a current sense. Sense the current feedback voltage to
set the current rating.
6
LX
Boost Switch Pin. Connect this Pin to inductor and catch diode. Minimize the
track area to reduce EMI.
7
VDD2
Boost Supply Input Voltage Pin. Bypass 1
μF capacitor to GND to reduce the
input noise.
8
GND
GND pin should be soldered to PCB board and connected to GND.
9
VLDO2
LDO Channel 2 Output Voltage.
10
VLDO1
LDO Channel 1 Output Voltage.
Exposed Pad (11)
GND
The exposed pad must be soldered to a large PCB and connected to GND for
maximum power dissipation.
Ω
>
=
×
+
=
100k
R2
(typ.)
1.235
V
V
R2
R2
R1
V
FB
FB
OUT
EN1
EN2
VLDO1
VLDO1
GND
VDD1
1uF
VOUT1
1uF
VOUT2
1uF
VIN
Chip Enable
CIN
COUT1
COUT2
10
9
8
1
2
3
VDD2
LX
FB
RT9287
VIN
ENB
7
4
5
6
+
2.7V to 5.5V
C1
1uF
C2
R2
D1
SS0520
L1
4.7uH to 22uH
R1
910k
105k
VOUT
12V
1uF/16V
VFB = 1.235V (typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com