Electronic Components Datasheet Search
  English  ▼

X  

RT9169 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9169
Description  100mA, 4關A Quiescent Current CMOS LDO Regulator
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9169 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9169 Datasheet HTML 1Page - Richtek Technology Corporation RT9169 Datasheet HTML 2Page - Richtek Technology Corporation RT9169 Datasheet HTML 3Page - Richtek Technology Corporation RT9169 Datasheet HTML 4Page - Richtek Technology Corporation RT9169 Datasheet HTML 5Page - Richtek Technology Corporation RT9169 Datasheet HTML 6Page - Richtek Technology Corporation RT9169 Datasheet HTML 7Page - Richtek Technology Corporation RT9169 Datasheet HTML 8Page - Richtek Technology Corporation RT9169 Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
RT9169/H
2
DS9169/H-12
March 2007
www.richtek.com
Absolute Maximum Ratings (Note 1)
Input Voltage ------------------------------------------------------------------------------------------------------------ 7V
Power Dissipation, PD @ TA = 25
°C
SOT-23-3 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOT-23-5 ---------------------------------------------------------------------------------------------------------------- 0.4W
SOT-89 ------------------------------------------------------------------------------------------------------------------- 0.571W
TO-92 --------------------------------------------------------------------------------------------------------------------- 0.625W
Junction Temperature ------------------------------------------------------------------------------------------------- 150
°C
Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------------- 260
°C
Storage Temperature Range ----------------------------------------------------------------------------------------
−65°C to 150°C
Package Thermal Resistance (Note 4)
SOT-23-3,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOT-23-5,
θJA ----------------------------------------------------------------------------------------------------------- 250°C/W
SOT-89,
θJA ------------------------------------------------------------------------------------------------------------- 175°C/W
TO-92,
θJA --------------------------------------------------------------------------------------------------------------- 160°C/W
ESD Susceptibility (Note 2)
HBM (Human Body Mode) ------------------------------------------------------------------------------------------ 2kV
MM (Machine Mode) -------------------------------------------------------------------------------------------------- 200V
Function Block Diagram
Typical Application Circuit
VIN
GND
VOUT
RT9169
C
OUT
1uF
C
IN
1uF
V
IN
V
OUT
VIN
GND
VOUT
RT9169/H
COUT
1uF
CIN
1uF
VIN
VOUT
EN/EN
RT9169H
Chip Enable
RT9169
Chip Enable
+
-
Current
Limit
VIN
VOUT
EN/EN
Recommended Operating Conditions
(Note 3)
Junction Temperature Range ----------------------------------------------------------------------------------------
−40°C to 125°C
Ambient Temperature Range ----------------------------------------------------------------------------------------
−40°C to 85°C
Functional Pin Description
Pin Name
Pin Function
VIN
Power Input
VOUT
Output Voltage
GN D
Ground
EN/EN
Chip Enable Control Input



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com