Electronic Components Datasheet Search
  English  ▼

X  

IRL7833LPBF Datasheet(PDF) 12 Page - International Rectifier

Part # IRL7833LPBF
Description  HEXFET짰Power MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRL7833LPBF Datasheet(HTML) 12 Page - International Rectifier

Back Button IRL7833LPBF Datasheet HTML 5Page - International Rectifier IRL7833LPBF Datasheet HTML 6Page - International Rectifier IRL7833LPBF Datasheet HTML 7Page - International Rectifier IRL7833LPBF Datasheet HTML 8Page - International Rectifier IRL7833LPBF Datasheet HTML 9Page - International Rectifier IRL7833LPBF Datasheet HTML 10Page - International Rectifier IRL7833LPBF Datasheet HTML 11Page - International Rectifier IRL7833LPBF Datasheet HTML 12Page - International Rectifier IRL7833LPBF Datasheet HTML 13Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
IRL7833/S/LPbF
12
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting T
J = 25°C, L = 1.3mH, RG = 25Ω, IAS = 30A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Calculated continuous current based on maximum allowable junction temperature. Package limitation current is 75A.
… When mounted on 1" square PCB (FR-4 or G-10 Material). For recommended footprint and soldering techniques refer to
application note #AN-994.
† This is only applied to TO-220AB package.
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.05/04
Dimensions are shown in millimeters (inches)
D2Pak Tape & Reel Information
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.
TO-220AB package isnot recommended for Surface Mount Application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com