Electronic Components Datasheet Search
  English  ▼

X  

RT9284APB Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9284APB
Description  Tiny Package, High Performance, Constant Current Switching Regulator for White LED
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9284APB Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9284APB Datasheet HTML 1Page - Richtek Technology Corporation RT9284APB Datasheet HTML 2Page - Richtek Technology Corporation RT9284APB Datasheet HTML 3Page - Richtek Technology Corporation RT9284APB Datasheet HTML 4Page - Richtek Technology Corporation RT9284APB Datasheet HTML 5Page - Richtek Technology Corporation RT9284APB Datasheet HTML 6Page - Richtek Technology Corporation RT9284APB Datasheet HTML 7Page - Richtek Technology Corporation RT9284APB Datasheet HTML 8Page - Richtek Technology Corporation RT9284APB Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
RT9284A/B
www.richtek.com
DS9284A/B-05 August 2007
Typical Application Circuit
Figure 1. Application for Driving 3 Series WLEDs
Figure 2. Application for Driving 4 Series WLEDs
Figure 4. Application for Constant Output Voltage
VDD
GND
LX
FB
OVP
RT9284
V
IN
EN
6
4
2
3
5
1
I
LED
+
Dimming
Control
2.7V to 5.5V
C1
1uF
C2
1uF/16V
R1
D1
SS0520
L1
4.7uH to 22uH
100Hz-100kHz
OVP
15V
Figure 3. Application for Driving 5 Series WLEDs
VDD
GND
LX
FB
OVP
RT9284A
V
IN
EN
6
4
2
3
5
1
+
2.7V to 5.5V
C1
1uF
C2
R2
D1
SS0520
L1
4.7uH to 22uH
R1
130k
15k
V
OUT
12V
OVP
15V
1uF/16V
V
FB = 1.235V
VDD
GND
LX
FB
OVP
RT9284
V
IN
EN
6
4
2
3
5
1
I
LED
+
Dimming
Control
2.7V to 5.5V
C1
1uF
C2
R1
D1
SS0520
L1
4.7uH to 22uH
100Hz-100kHz
1uF/25V
OVP
18V
OVP 15V
R2
600k
VDD
GND
LX
FB
OVP
RT9284B
V
IN
EN
6
4
2
3
5
1
I
LED
+
Dimming
Control
2.7V to 5.5V
C1
1uF
C2
1uF/25V
R1
D1
SS0520
L1
4.7uH to 22uH
100Hz-100kHz
OVP
20V
V
FB
= 0.25V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com