Electronic Components Datasheet Search
  English  ▼

X  

HT7530-2 Datasheet(PDF) 12 Page - Holtek Semiconductor Inc

Part # HT7530-2
Description  100mA TinyPowerTM LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7530-2 Datasheet(HTML) 12 Page - Holtek Semiconductor Inc

Back Button HT7530-2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 15Page - Holtek Semiconductor Inc HT7530-2 Datasheet HTML 16Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Rev. 1.70
12
January 11, 2019
HT75xx-2
Application Circuits
Basic Circuit
C2
10 m F
Co mmo n
Co mmo n
Si ngl e po in t G ND
GN D
V OU T
V IN
V IN
V OU T
C1
10 m F
HT 7 5xx -2
Se ri es
High Output Current Positive Voltage Regulator
Co mmo n
Co mmo n
Si ngl e po in t G ND
GN D
Tr 1
R1
HT 7 5xx -2
Se ri es
C2
10 m F
C1
10 m F
V IN
V OU T
V OU T
V IN
Short-Circuit Protection for Tr1
Co mmo n
Co mmo n
Si ngl e po in t G ND
GN D
Tr 1
Rs
R1
HT 7 5xx -2
Se ri es
C1
10 m F
V OU T
V IN
C2
10 m F
V OU T
V IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com