Electronic Components Datasheet Search
  English  ▼

X  

GS7103 Datasheet(PDF) 14 Page - Green Solution Technology Co., Ltd

Part # GS7103
Description  3A Ultra Low Dropout Linear Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSTEK [Green Solution Technology Co., Ltd]
Direct Link  http://www.gstekic.com
Logo GSTEK - Green Solution Technology Co., Ltd

GS7103 Datasheet(HTML) 14 Page - Green Solution Technology Co., Ltd

Back Button GS7103 Datasheet HTML 7Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 8Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 9Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 10Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 11Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 12Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 13Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 14Page - Green Solution Technology Co., Ltd GS7103 Datasheet HTML 15Page - Green Solution Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
3A Ultra Low Dropout Linear Regulator
GS7103
Green Solution Technology Co.,LTD.
Rev.:1.6
14
JUN-16
Package Dimensions, TDFN10-3x3
A3
Top view
10
Bottom view
Pin #1 ID Options
Note:The configuration of the Pin#1 identifier is
optional,but must be located within the zone indicated.
A1
Side view
D
E
E1
D1
L
e
b
6
7
89
5
4
3
2
1
10
E1
D1
L
e
b
6
7
89
5
4
3
2
1
10
E1
D1
L
e
b
6
7
89
5
4
3
2
1
A
Note:
1.
Min.: Minimum dimension specified.
2.
Max.: Maximum dimension specified.
3.
REF.: Reference. Normal/Regular dimension specified for reference.
Symbol
Dimensions in
Millimeters
Min.
Max.
A
0.70
0.80
A1
0.00
0.05
A3
0.203 REF.
b
0.18
0.30
e
0.50 REF.
D
2.90
3.10
E
2.90
3.10
D1
2.30 REF.
E1
1.65 REF.
L
0.30
0.50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com