Electronic Components Datasheet Search
  English  ▼

X  

MK30 Datasheet(PDF) 2 Page - Standex Electronics, Inc.

Part # MK30
Description  MK30 Series Reed Sensors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANDEX [Standex Electronics, Inc.]
Direct Link  https://standexelectronics.com/
Logo STANDEX - Standex Electronics, Inc.

MK30 Datasheet(HTML) 2 Page - Standex Electronics, Inc.

  MK30 Datasheet HTML 1Page - Standex Electronics, Inc. MK30 Datasheet HTML 2Page - Standex Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
USA: +1 866.782.6339 | salesusa@standexmeder.com
EMEA: +49 7731/8399-0 | info@standexmeder.com
APAC: +86 21/37606000 | salesasia@standexmeder.com
standexelectronics.com
Series Datasheet
Version 02
28 Feb 2019
Page
M. Reizner
2
MK30 Series Reed Sensors
MK30 Reed Sensor
Housing and Lead Specifications
Housing Material
Mineral Filled Epoxy
Case Color
Black
Lead Design 2
Flat, bent SMD leads
Layout
Top View
Glossary Contact Form
Form A
NO = Normally Open Contacts
SPST = Single Pole Single Throw
Form B
NC = Normally Closed Contacts
SPST = Single Pole Single Throw
Form C
Changeover
SPDT = Single Pole Double Throw
Please note: All technical specifications on this series datasheet refer to the standard product range. Modifications in the sense of technical progress are reserved. For
general information only. For more specific information, please consult the product datasheet, available upon request.
This series datasheet could contain technical inaccuracies or typographical errors. Changes are periodically made to the information herein. These change will be
incorporated in future revisions.
For deviating values, most current specifications and products please contact your nearest sales office.
Glossary Magnetic Sensitivity
Sens.
A
B
C
D
E
F
G
AT
05-10 10-15 15-20 20-25 25-30 30-35 35-40
Environmental Data
Unit
Shock Resistance (max.)
1/2 sine wave duration 11ms
30
g
Vibration Resistance (max.)
20
g
Operating Temperature
-40 to 130
°C
Storage Temperature
-50 to 130
°C
Soldering Temperature (max.)
5 sec. max.
260
°C
Handling & Assembly Instructions
➢
Use proper lead clamping or heat sinking techniques to
prevent mechanical and/or heat stress during,
soldering, and welding
➢
Mechanical shock as the result of dropping the reed
sensor typically from a distance of greater than 12”
may change it’s magnetic sensitivity and/or destroy the
sensor
➢
Reflow Soldering Conditions according to JEDEC norm
J-STD-020D.1
Life Test Data
*Load increase reduces life expectancy of Reed Switches
Typical Number of Operations
KSK-1A85
100V/10mA
20V/500mA
10V/100mA
10V/4mA
<5V/10mA
1,E+05
1,E+06
1,E+07
1,E+08
1,E+09
1,E+10



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com