Electronic Components Datasheet Search
  English  ▼

X  

SE555CFK Datasheet(PDF) 13 Page - Texas Instruments

Part # SE555CFK
Description  PRECISION TIMERS SE555C FROM TI IS NOT RECOMMENDED FOR NEW DESIGNS
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE555CFK Datasheet(HTML) 13 Page - Texas Instruments

Back Button SE555CFK Datasheet HTML 7Page - Texas Instruments SE555CFK Datasheet HTML 8Page - Texas Instruments SE555CFK Datasheet HTML 9Page - Texas Instruments SE555CFK Datasheet HTML 10Page - Texas Instruments SE555CFK Datasheet HTML 11Page - Texas Instruments SE555CFK Datasheet HTML 12Page - Texas Instruments SE555CFK Datasheet HTML 13Page - Texas Instruments SE555CFK Datasheet HTML 14Page - Texas Instruments SE555CFK Datasheet HTML 15Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SLFS022 – D1669, SEPTEMBER 1973—REVISED FEBRUARY 1992
NE555, SA555, SE555, SE555C
PRECISION TIMERS
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
APPLICATION INFORMATION
THRES
GND
C
RA
RL
VCC (5 V to 15 V)
Output
DISCH
OUT
VCC
RESET
TRIG
CONT
Modulation
Input
(see Note B)
Clock
Input
Time – 0.5 ms/div
Capacitor Voltage
Output Voltage
Clock Input Voltage
NOTE B: The modulating signal may be direct or capacitively coupled
to CONT. For direct coupling, the effects of modulation
source voltage and impedance on the bias of the timer
should be considered.
RA = 3 kΩ
C = 0.02
µF
RL = 1 kΩ
See Figure 18
Modulation Input Voltage
48
3
7
6
2
5
Pin numbers shown are for the D, JG, and P packages only.
1
Figure 18. Circuit For Pulse-Width Modulation
Figure 19. Pulse-Width Modulation Waveforms
pulse-position modulation
As shown in Figure 20, any of these timers may be used as a pulse-position modulator. This application
modulates the threshold voltage, and thereby the time delay, of a free-running oscillator. Figure 21 illustrates
a triangular-wave modulation signal for such a circuit; however, any wave shape could be used.
RB
Modulation
Input
(see Note B)
CONT
TRIG
RESET
VCC
OUT
DISCH
Output
VCC (5 V to 15 V)
RL
RA
C
GND
THRES
RA = 3 kΩ
RB = 500 Ω
RL = 1 kΩ
See Figure 20
NOTE B: The modulating signal may be direct or capacitively coupled
to CONT. For direct coupling, the effects of modulation
source voltage and impedance on the bias of the timer
should be considered.
Capacitor Voltage
Output Voltage
Modulation Input Voltage
Time – 0.1 ms/div
Pin numbers shown are for the D, JG, and P packages only.
48
3
7
6
2
5
Figure 20. Circuit for Pulse-Position Modulation
Figure 21. Pulse Position-Modulation Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com