Electronic Components Datasheet Search
  English  ▼

X  

AP22919Q Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP22919Q
Description  6V/1.5A, 90mΩ RON SWITCH WITH SHORT-CIRCUI T PROTECTION
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22919Q Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP22919Q Datasheet HTML 8Page - Diodes Incorporated AP22919Q Datasheet HTML 9Page - Diodes Incorporated AP22919Q Datasheet HTML 10Page - Diodes Incorporated AP22919Q Datasheet HTML 11Page - Diodes Incorporated AP22919Q Datasheet HTML 12Page - Diodes Incorporated AP22919Q Datasheet HTML 13Page - Diodes Incorporated AP22919Q Datasheet HTML 14Page - Diodes Incorporated AP22919Q Datasheet HTML 15Page - Diodes Incorporated AP22919Q Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AP22919Q
Document number: DS46245 Rev. 2 - 2
13 of 16
www.diodes.com
May 2024
© 2024 Copyright Diodes Incorporated. All Rights Reserved.
AP22919Q
Application Information (continued)
Thermal Consideration
The maximum junction temperature should be restricted to +150°C under normal operating conditions. The maximum allowable power dissipation
PD(MAX) can be calculated as:
PD(MAX) = (TJ(MAX) - TA) / θJA
where,
TJ(MAX) is the maximum operating junction temperature.
TA is the ambient temperature of the device.
θJA is the junction-to-air thermal impedance.
Board Layout
Good PCB layout is important for improving the thermal performance of the device. All trace lengths should be kept as short as possible. Place input
and output capacitors close to the device to minimize the effects of parasitic inductance. The input and output PCB traces should be as wide as
possible.
Ordering Information
AP22919Q XX - X
Packing
Package
7 : Tape & Reel
DW : SOT363 (Standard)
Part Number
QOD
Package Code
Package
Packing
Qty.
Carrier
AP22919QDW-7
Yes
DW
SOT363 (Standard)
3000
Tape & Reel
Marking Information
SOT363 (Standard)
1
2
3
6
4
XXX
Y W X
XXX : Identification Code
Y : Year 0 to 9 (ex: 4 = 2024)
X : Internal Code
( Top View )
5
W : Week : A to Z : week 1 to 26;
a to z : week 27 to 52; z represents
week 52 and 53
Part Number
Package
Identification Code
AP22919QDW-7
SOT363 (Standard)
X2Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com