Electronic Components Datasheet Search
  English  ▼

X  

KD83 Datasheet(PDF) 21 Page - Kingbright Corporation

Part # KD83
Description  LCD Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KD83 Datasheet(HTML) 21 Page - Kingbright Corporation

Back Button KD83 Datasheet HTML 16Page - Kingbright Corporation KD83 Datasheet HTML 17Page - Kingbright Corporation KD83 Datasheet HTML 18Page - Kingbright Corporation KD83 Datasheet HTML 19Page - Kingbright Corporation KD83 Datasheet HTML 20Page - Kingbright Corporation KD83 Datasheet HTML 21Page - Kingbright Corporation KD83 Datasheet HTML 22Page - Kingbright Corporation KD83 Datasheet HTML 23Page - Kingbright Corporation KD83 Datasheet HTML 24Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
KD83
LCD Driver Series
October 31, 2003
21
V1.0
Parameters
Symbol
Min.
Typ.
Max.
Unit
Condition
Input high voltage
VIH
0.8
VDD Input pins
Input low voltage
VIL
0.2
VDD Input pins
Input leakage current
IIL
20
μ
A
VIL = GND, VDD
Input Hysteresis Width
VHYS
1/3
VDD
Input pins Threshold=2/3VDD(input
from low to high)
Threshold=1/3VDD(input from high
to low)
Output source current
IOH
-2.0
mA
RD[7..0], VOL=2.0V
Output sink current
IOL
2.0
mA
RD[7..0], VOL=0.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com