Electronic Components Datasheet Search
  English  ▼

X  

KD80 Datasheet(PDF) 9 Page - Kingbright Corporation

Part # KD80
Description  LCD Segment Extender
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

KD80 Datasheet(HTML) 9 Page - Kingbright Corporation

Back Button KD80 Datasheet HTML 4Page - Kingbright Corporation KD80 Datasheet HTML 5Page - Kingbright Corporation KD80 Datasheet HTML 6Page - Kingbright Corporation KD80 Datasheet HTML 7Page - Kingbright Corporation KD80 Datasheet HTML 8Page - Kingbright Corporation KD80 Datasheet HTML 9Page - Kingbright Corporation KD80 Datasheet HTML 10Page - Kingbright Corporation KD80 Datasheet HTML 11Page - Kingbright Corporation KD80 Datasheet HTML 12Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
KD80
LCD Segment Extender
October 31, 2003
9
V1.0
This specification is subject to change without notice. Please contact sales person for the latest version before use.
3. data write
4. command read
5. data read
8. Absolute Maximum Rating
Item
Sym.
Rating
Condition
Supply Voltage
VDD
-0.5V ~ 8.0V
Input Voltage
VIN
-0.5V ~ VDD+0.5V
Output Voltage
VO
-0.5V ~ VDD+0.5V
Operating Temperature
TOP
0°C ~ 70°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com