Electronic Components Datasheet Search
  English  ▼

X  

RT9172 Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9172
Description  3A Fixed Output Voltage LDO Regulator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9172 Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9172 Datasheet HTML 1Page - Richtek Technology Corporation RT9172 Datasheet HTML 2Page - Richtek Technology Corporation RT9172 Datasheet HTML 3Page - Richtek Technology Corporation RT9172 Datasheet HTML 4Page - Richtek Technology Corporation RT9172 Datasheet HTML 5Page - Richtek Technology Corporation RT9172 Datasheet HTML 6Page - Richtek Technology Corporation RT9172 Datasheet HTML 7Page - Richtek Technology Corporation RT9172 Datasheet HTML 8Page - Richtek Technology Corporation RT9172 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RT9172
2
DS9172-14
March 2007
www.richtek.com
Typical Application Circuit
Functional Pin Description
Pin No.
RT9172F
RT9172N
RT9172S
RT9172-
CT
RT9172-
CM
RT9172-
CG
Pin Name
Pin Function
1
1
2
--
EN
Chip Enable (Active Hight)
2
2
1
1
VIN
Power Input Voltage
3
3
3
2
GND
Ground
4
4
5
3
VOUT
Output Voltage
5
--
--
--
FLG
ERROR Flag
--
5
4
--
SENSE
Remote Sense
Figure 1
VIN
EN
GND (TAB)
SENSE
VOUT
1
2
3
4
5
RT9172S-
CT5
TO-220-5
1
2
3
4
5
EN
VIN
GND (TAB)
VOUT
SENSE/FLG
TO-263-5
RT9172N-
CM5
RT9172F-
CM5
1
2
3
4
5
VIN
EN
GND (TAB)
SENSE
VOUT
TO-263-5
RT9172S-
CM5
1
2
3
4
5
EN
VIN
GND (TAB)
VOUT
SENSE/FLG
TO-220-5
RT9172F-
CT5
RT9172N-
CT5
VIN
GND
VOUT
RT9172-25
C
OUT
C
IN
10uF
V
IN = 3.3V
V
OUT
2.5V, 3A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com