Electronic Components Datasheet Search
  English  ▼

X  

HF88M04 Datasheet(PDF) 13 Page - King blillion Electronics Co.,Ltd.

Part # HF88M04
Description  512K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M04 Datasheet(HTML) 13 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M04 Datasheet HTML 9Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 10Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HF88M04 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M04
January 16, 2004
Page 13 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7.3 Setting and Reading the I/O Mode for P0 and P1
CE n
WE n
OE n
P 0_D a ta
D [7:0]
F0 h
F 0 h
0F h
ZZ
ZZ
S e tting a n d R e a d in g th e I /O M o de fo r P 0 a nd P 1
P 0_D I R
P 1_D a ta
P 1_D I R
RS [ 2 :0 ]
101b
111b
0F h
FF h
0F h
00h
FF h
00h
t
ORL
t
AC E R
000b
F0 h
101b
111b
t
ORH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com