Electronic Components Datasheet Search
  English  ▼

X  

HF88M02 Datasheet(PDF) 15 Page - King blillion Electronics Co.,Ltd.

Part # HF88M02
Description  256K x 8 bit Mask ROM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KB [King blillion Electronics Co.,Ltd.]
Direct Link  
Logo KB - King blillion Electronics Co.,Ltd.

HF88M02 Datasheet(HTML) 15 Page - King blillion Electronics Co.,Ltd.

Back Button HF88M02 Datasheet HTML 11Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 12Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 13Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 14Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 15Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 16Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 17Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 18Page - King blillion Electronics Co.,Ltd. HF88M02 Datasheet HTML 19Page - King blillion Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
King Billion Electronics Co., Ltd
駿
億
電
子
股
份
有
限
公
司
HF88M02
January 16, 2004
Page 15 of 19
V1.11
This specification is subject to change without notice. Please contact sales person for the latest version before use.
7.5 Reading the input pins
CE n
WE n
OE n
P 0_D a ta
D[7 :0 ]
0 0 h
55h
AA h
ZZ
ZZ
R e a d in g th e Inpu t P ins
P 0_D IR
P 1_D a ta
P 1_D IR
RS [2 :0 ]
10 1b
111 b
00 h
FFh
00 h
0Fh
FFh
F0 h
000 b
00h
10 0b
11 0b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com