Electronic Components Datasheet Search
  English  ▼

X  

BC856 Datasheet(PDF) 2 Page - Pan Jit International Inc.

Part # BC856
Description  PNP GENERAL PURPOSE TRANSISTORS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

BC856 Datasheet(HTML) 2 Page - Pan Jit International Inc.

  BC856 Datasheet HTML 1Page - Pan Jit International Inc. BC856 Datasheet HTML 2Page - Pan Jit International Inc. BC856 Datasheet HTML 3Page - Pan Jit International Inc. BC856 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL CHARACTERISTICS
PARAMETER
SYMBOL
Value
UNIT
Thermal Resistance , Junction to Ambient
RΘJA
556
OC/W
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in. Minimum pad layout.
EL ECTRICAL CHARACTERISTICS (TJ=25 C, unless otherwise noted)
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Collector - Emitter Breakdown Voltage
BC856A,B
(IC=-10mA, IB=0)
BC857A,B,C
BC858A,B,C, BC859B,C
V(BR)CE0
-65
-45
-30
-
-
-
-
-
-
V
Collector - Base Breakdown Voltage
BC856A,B
(IC=-10
µA, IE=0)
BC857A,B,C
BC858A,B,C, BC859B,C
V(BR)CB0
-80
-50
-30
-
-
-
-
-
-
V
Emitter - Base Breakdown Voltage
(IE=-1
µA, IC=0)
V(BR)EB0
-5.0
-
-
V
Emitter-Base Cutoff Current
(VEB=-5V)
IEBO
-
-
-100
nA
Collector-Base Cutoff Current (VCB=-30V, IE=0)
T J=150
OC
ICBO
-
-
-
-
-15
-4.0
nA
uA
DC Current Gain
BC856A, BC857A, BC858A
(IC=-10
µA, VCE=-5V)
BC856B, BC857B, BC858B, BC859B
BC857C, BC858C, BC859C
(IC=-2.0mA, VCE=-5V)
BC856A, BC857A, BC858A
BC856B, BC857B, BC858B, BC859B
BC857C, BC858C, BC859C
hFE
-
-
-
110
200
420
90
150
270
180
290
520
-
-
-
220
450
800
-
Collector – Emitter Saturation Voltage
(IC=-10mA, IB=-0.5mA)
(IC=-100mA, IB=-5.0mA)
VCE(SAT)
-
-
-
-
-0.3
-0.65
V
Base – Emitter Saturation Voltage
(IC=-10mA, IB=-0.5mA)
(IC=-100mA, IB=-5.0mA)
VBE(SAT)
-
-
-0.7
-0.9
-
-
V
Base – Emitter On Voltage
(IC=-2.0mA, VCE=-5.0V)
(IC=-10mA, VCE=-5.0V)
VBE(ON)
-0.60
-
-
-
-0.75
-0.82
V
Collector - Base Capacitance
(VCB=-10V, IE=0, f=1MHz)
CCB
-
-
4.5
pF
Current-Gain - Bandwidth Product
(IC=-10mA, VCE=-5.0V, f=100MHz)
FT
-
200
-
MHz
PAGE . 2
BC856 SERIES
STAD-JUL.11.2005



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com