Electronic Components Datasheet Search
  English  ▼

X  

RT9603PS Datasheet(PDF) 2 Page - Richtek Technology Corporation

Part # RT9603PS
Description  Synchronous-Rectified Buck MOSFET Drivers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9603PS Datasheet(HTML) 2 Page - Richtek Technology Corporation

  RT9603PS Datasheet HTML 1Page - Richtek Technology Corporation RT9603PS Datasheet HTML 2Page - Richtek Technology Corporation RT9603PS Datasheet HTML 3Page - Richtek Technology Corporation RT9603PS Datasheet HTML 4Page - Richtek Technology Corporation RT9603PS Datasheet HTML 5Page - Richtek Technology Corporation RT9603PS Datasheet HTML 6Page - Richtek Technology Corporation RT9603PS Datasheet HTML 7Page - Richtek Technology Corporation RT9603PS Datasheet HTML 8Page - Richtek Technology Corporation RT9603PS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
RT9603
2
DS9603-08
March 2007
www.richtek.com
Typical Application Circuit
Note: The traces that run from the controller ISPx and ISNx pins, should be run together next to each other and Kelvin connected
to the Q2. Place both R2 and R3 as close to the PWM Controller as possible.
Functional Pin Description
Pin No.
Pin Name
Pin Function
1
BST
Floating bootstrap supply pin for the upper gate drive. Connect the bootstrap capacitor
between this pin and the SW pin. The bootstrap capacitor provides the charge to turn
on the upper MOSFET.
2
VIN
Accepts a logic control signal. Connect this pin to the PWM output of the controller.
If the PWM signal enters and remains within the shutdown window, the output drivers are
disabled and both MOSFET gates are pulled and held low.
3
NC
No Internal Connection.
4
VCC
Supply Input. Connect to +12V supply. Place a bypass capacitor from this pin to PGND.
5
DRVL
Lower gate drive output. Should be connected to the lower MOSFET gate.
6
PGND
Common Ground.
7
SW
Upper driver return. Should be connected to the common node of upper and lower
MOSFETs. The SW voltage is monitored for adaptive shoot-through protection.
8
DRVH
Upper gate drive output. Should be connected to the upper MOSFET gate.
VCC
NC
VIN
PGND
BST
DRVH
SW
DRVL
4
1
8
7
5
6
2
3
C1
1uF
+12V
10
PHB95N03LT
C2
1uF
C3
1uF
C4
1000uF/16V
PHB83N03LT
L1
2uH
C5
x1500uF
C6
x1500uF
V
CORE
+12V
R2
2.4K
R3
2.4K
ISPx
ISNx
PWM
INPUT
Q2
Q1
R1
1N4148
D1



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com