Electronic Components Datasheet Search
  English  ▼

X  

13430 Datasheet(PDF) 1 Page - Atom Lighting

Part # 13430
Description  AT9460
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

13430 Datasheet(HTML) 1 Page - Atom Lighting

  13430 Datasheet HTML 1Page - Atom Lighting 13430 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9460
10W A60 Tri-colour LED lamp. Dimmable. Frosted
lens.
Tri-colour
Energy efficient LED lamp
Long life
No mercury content
Suitable replacement for halogen and
incandescent lamps
Suitable for use with dimmers
ORDERING INFORMATION
Order code
13430
Description
A60 10W LED LAMP B22 TRI
CCT DIMMABLE FROST
Item Code
AT9460/BC/TRI
EFFICIENCIES
Total System Efficiency
100 lm/W
The performance of each component of a luminaire is
demonstrated through its efficiencies, which together
determine the total system efficiency of the product. The
output of the LED chip is first multiplied by the optical and
thermal efficiencies to calculate the Luminaire efficiency.
However, this calculation does not consider the driver
efficiency. To determine the overall efficiency of the system,
the Luminaire efficiency must be multiplied by the driver
efficiency, which accounts for all losses in the system.
ELECTRICAL
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
10 W
Power Factor
0.9
System Max Wattage
10 W
LAMP
Beam Angle
180 °
Bulb Type
A60
CCT Configuration
TRI-CCT
Colour Rendering Index (CRI)
>80
Globe Base
B22 / BC
Lamp/LED Current
82 mA
Lamp/LED voltage
109 V
COLOUR TEMPERATURE
9 Watts
Warm White (3000 K)
900 lm
Cool White (4000 K)
1000 lm
DayLight (6500 K)
950 lm
DRIVER
Dimmable
Yes
COMPLIANCE
Standards
AS/NZS 62560
IEC/TR 62778
AS CISPR 15
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 13430

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1343023 PHOENIX-1343023 Datasheet
817Kb / 29P
FL SWITCH 1104NT-SFP - Industrial Ethernet Switch
1343025 PHOENIX-1343025 Datasheet
207Kb / 8P
FL SWITCH 1105NT-2SFP - Industrial Ethernet Switch
1343027 PHOENIX-1343027 Datasheet
212Kb / 8P
FL SWITCH 1024T - Industrial Ethernet Switch
1343031 PHOENIX-1343031 Datasheet
199Kb / 7P
FL SWITCH 1000N-8POE - Industrial Ethernet Switch
1343034 PHOENIX-1343034 Datasheet
201Kb / 7P
FL SWITCH 1100-8POE - Industrial Ethernet Switch
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com