Electronic Components Datasheet Search
  English  ▼

X  

18675 Datasheet(PDF) 1 Page - Atom Lighting

Part # 18675
Description  AT9473
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATOM [Atom Lighting]
Direct Link  https://atomlighting.com.au/
Logo ATOM - Atom Lighting

18675 Datasheet(HTML) 1 Page - Atom Lighting

  18675 Datasheet HTML 1Page - Atom Lighting 18675 Datasheet HTML 2Page - Atom Lighting  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
AT9473
13W A60 LED lamp. Dimmable. Frosted lens
Energy efficient LED lamp
Long Life
No mercury Content
Suitable replacement for halogen and
incandescent lamps
Suitable for use with dimmers
ORDERING INFORMATION
Order code
18675
Description
A60 13W LED LAMP B22 CW
DIMMABLE FROSTED
Driver Type
Dimmable ( Phase cut)
Item Code
AT9473/BC/CW
MECHANICAL
Adjustability
Fixed
Diffuser Material
Polycarbonate
Product Finish
Frosted
Fitting Colour
White
IP Rating
IP20
ELECTRICAL
Input Frequency
50 Hz
Input voltage
230Vac
In Australia the Input voltage is defined as 230Vac -6%/+10%.
This effectively means that the voltage range of these
products are 216Vac - 253Vac or 240V +6%
Maximum Wattage
14.3 W
Power Factor
0.9
Switch Type
Inline
System Max Wattage
13 W
Working Temp Range
-20 to 40 °C
LAMP
Beam Angle
300 °
Bulb Type
A60
CCT Configuration
Single
Colour Rendering Index (CRI)
>80
Globe Base
B22 / BC
Globe Included
Yes
Lamp/LED Current
87 mA
Lamp/LED voltage
134 V
Led Package
2835
Maximum Bulb Wattage
13 W
Number of Lamps
1
LED LIFETIME
LED Lifetime
15000 hrs
This is the Reported LED Lifetime in Hours based on TM-21.
Atom does not list the projected or calculated LED lifetime,
which is normally longer as TM-21 Addendum B explicitly
states "The Calculated and Projected Lp(Dk) are not to be
reported". This Lifetime refers to the life of a single LED
however the system life is longer since the probability and
binomial distribution of all LEDs in the system means that the
average led is performing above the specification and
compensates for the LEDs falling below.
1300 438 658
sales@evolt.com.au
atomlighting.com.au
© 2025 Evolt


Similar Part No. - 18675

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1867 MACOM-1867 Datasheet
53Kb / 1P
Farnell Technical Data Services
logo
List of Unclassifed Man...
1867 ETC2-1867 Datasheet
230Kb / 1P
FEMALE THREADED STANDOFFS
1867 ETC2-1867 Datasheet
230Kb / 1P
THREADED STANDOFFS
logo
Keystone Electronics Co...
1867 KEYSTONE-1867 Datasheet
211Kb / 1P
FEMALE THREADED STANDOFFS
31-07 20th
logo
Adafruit Industries
1867 ADAFRUIT-1867 Datasheet
239Kb / 3P
12mm Coin Cell Breakout w/ On-Off Switch
11/12/2015
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com