Electronic Components Datasheet Search
  English  ▼

X  

BP3167 Datasheet(PDF) 1 Page - Bright Power Semiconductor Co., Ltd.

Part # BP3167
Description  High Precision PSR Constant Current LED Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BPS [Bright Power Semiconductor Co., Ltd.]
Direct Link  http://www.bpsemi.com/en/
Logo BPS - Bright Power Semiconductor Co., Ltd.

BP3167 Datasheet(HTML) 1 Page - Bright Power Semiconductor Co., Ltd.

  BP3167 Datasheet HTML 1Page - Bright Power Semiconductor Co., Ltd. BP3167 Datasheet HTML 2Page - Bright Power Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BP3167F
High Precision PSR Constant Current LED Driver
BP3167F_CN_DS_Rev.1.0
www.bpsemi.com
1
Bright Power Semiconductor Co. Confidential – Customer Use Only
Description
The BP3167F is a high precision primary-side
feedback and regulation controller for LED lighting, it
operates in constant current control mode and is
designed to work in inductor current discontinuous
conduction mode and especially suitable for flyback
convertor under universal input.
The BP3167F integrates a 600V power MOSFET, with
patent pending MOSFET driving technique. It doesn’t
need the auxiliary winding for VCC supply. It can
achieve excellent constant current performance with
very few external components, so the system cost and
size are minimized.
The BP3167F offers rich protections to improve the
system reliability, including LED short circuit
protection, thermal regulation function.
Features
No VCC capacitor and no starting resistance
Integrated HV JFET for Power Supply
No Auxiliary winding for sensing and supplying
Universal input voltage
±5% LED Output Current Accuracy
LED Short Protection
LED Open Protection
Thermal regulation function
Package:DIP7
Applications
LED Bulb
LED Candle Light
Other LED Lighting
Typical Application
NP
NS
AC
DRAIN
CS
NC
7
5
1
2
3
4 HV
GND
DRAIN
ROVP
6
Option
BP3167F
Figure 1. Typical application circuit for BP3167F


Similar Part No. - BP3167

ManufacturerPart #DatasheetDescription
logo
Bright Power Semiconduc...
BP3165X BPS-BP3165X Datasheet
437Kb / 2P
High Precision PSR Constant Current LED Driver
BP3166 BPS-BP3166 Datasheet
236Kb / 2P
High Precision PSR Constant Current LED Driver
BP3166B BPS-BP3166B Datasheet
236Kb / 2P
High Precision PSR Constant Current LED Driver
More results

Similar Description - BP3167

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WS3240 ETC2-WS3240 Datasheet
603Kb / 8P
High Precision PSR LED Constant Current Driver
WS9221B ETC2-WS9221B Datasheet
388Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 ETC2-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS9226 ETC2-WS9226 Datasheet
553Kb / 8P
High Precision PSR Constant Current LED Driver
WS9256 ETC2-WS9256 Datasheet
680Kb / 8P
High Precision PSR Constant Current LED Driver
logo
Shenzhen Winsemi Microe...
WS9254 WINSEMI-WS9254 Datasheet
598Kb / 8P
High Precision PSR Constant Current LED Driver
WS9224 WINSEMI-WS9224 Datasheet
552Kb / 7P
High Precision PSR Constant Current LED Driver
WS3241 WINSEMI-WS3241 Datasheet
604Kb / 8P
High Precision PSR LED Constant Current Driver
logo
Bright Power Semiconduc...
BP3125 BPS-BP3125 Datasheet
400Kb / 10P
High Precision PSR Constant Current LED Driver
logo
Shenzhen SI Semiconduct...
SIC9654 SISEMIC-SIC9654 Datasheet
484Kb / 7P
High Precision PSR Constant Current LED Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com