Electronic Components Datasheet Search
  English  ▼

X  

RT9641BPS Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9641BPS
Description  Triple Linear Regulator Controller Support ACPI Control Interface
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9641BPS Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9641BPS Datasheet HTML 1Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 2Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 3Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 4Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 5Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 6Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 7Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 8Page - Richtek Technology Corporation RT9641BPS Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RT9641A/B
DS9641A/B-11 March 2007
www.richtek.com
3
Function Block Diagram
Simplified Power System Diagram
Linear
Controller
Linear
Controller
Control
Logic
RT9641A/B
Q1
V
MEM
Q2
Q3
EN3VDL
EN5VLD
S5
S3
SHUTDOWN
FAULT
3.3V
DUAL
3.3V
IN
5V
SB
5V
IN
12V
IN
5V
DUAL
Q4
Q5
Monitor and Control
5VSB POR
Temperature
Monitor
(TMON)
+
1.265V
+
-
+
-
+
-
+
-
5VSB
To 12V
EA2
To UV
Detector
GND
EN5VDL
S5
S3
EN3VDL
3V3DL
EA4
3V3DLSB
UV
Detector
MEM Voltage
Select COMP
+
40uA
0.2V
12V
12V Bias
12V Monitor
10.5V/9.5V
+
5uF
UA Compartor
5VDL
VSEN2
DRV2
5VDLSB
DLA
SS
FAULT/MSEL
+
-
5V
3.75V
Enable 5VDLSB
at S0 Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com