Electronic Components Datasheet Search
  English  ▼

X  

54ACT08 Datasheet(PDF) 1 Page - Silicon Supplies

Part # 54ACT08
Description  Advanced CMOS Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ACT08 Datasheet(HTML) 1 Page - Silicon Supplies

  54ACT08 Datasheet HTML 1Page - Silicon Supplies 54ACT08 Datasheet HTML 2Page - Silicon Supplies 54ACT08 Datasheet HTML 3Page - Silicon Supplies 54ACT08 Datasheet HTML 4Page - Silicon Supplies 54ACT08 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
 
 
 
Advanced CMOS Logic – 54ACT08
Quad 2-Input AND Gate in bare die form
Rev 1.0
06/02/20
 
Description
Features:
 
 
 
 
 
 
The 54ACT08 quad 2-input AND gate is fabricated
using a 1.5µm 5V CMOS process combining high speed
LSTTL performance with CMOS low power. The device
consists of four independent 2-input AND gates with
standard push-pull outputs and performs the Boolean
function Y = A ● B or Y = A + B. Device inputs are
compatible with standard CMOS outputs and also
directly compatible with LSTTL outputs. All inputs are
protected against ESD and excess voltage transients.
Inputs directly accept TTL
Outputs directly interface CMOS, NMOS and TTL
Outputs Source/Sink 24 mA
Low Input Current: 1µA
Functionally compatible with bipolar 54LS08
Lower power alternative to bipolar logic
Full Military Temperature Range
 
 
 
Ordering Information
Die Dimensions in µm (mils)
The following part suffixes apply:
1200 (47)
 
 
 
 
 
 
 
 
 
 
 
 
 
No suffix - MIL-STD-883 /2010B Visual Inspection
“H” - MIL-STD-883 /2010B Visual Inspection
+ MIL-PRF-38534 Class H LAT
“K” - MIL-STD-883 /2010A Visual Inspection (Space)
+ MIL-PRF-38534 Class K LAT
LAT = Lot Acceptance Test.
For further information on LAT process flows see below.
www.siliconsupplies.com\quality\bare-die-lot-qualification
Supply Formats:
Mechanical Specification
Default – Die in Waffle Pack (400 per tray capacity)
 
 
 
 
 
 
 
Die Size (Unsawn)
1200 x 1200
47 x 47
µm
mils
Sawn Wafer on Tape – On request
Unsawn Wafer – On request
120 x 120
4.72 x 4.72
µm
Minimum Bond Pad Size
mils
Die Thickness
350 (±20)
µm
mils
Die Thickness <> 350µm(14 Mils) – On request
13.78 (±0.79)
Top Metal Composition
Al 1%Si 1.1µm
Back Metal Composition
Assembled into Ceramic Package – On request
N/A – Bare Si
Page 1 of 5 
www.siliconsupplies.com


Similar Part No. - 54ACT08

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
294Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 17/09/25
54ACT08 SS-54ACT08 Datasheet
475Kb / 5P
Advanced CMOS TTL Input
Rev 2.0 17/09/25
54ACT08 SS-54ACT08_V02 Datasheet
294Kb / 5P
Advanced CMOS TTL Input
Rev 1.0 17/09/25
54ACT08 SS-54ACT08_V03 Datasheet
475Kb / 5P
Advanced CMOS TTL Input
Rev 2.0 17/09/25
More results

Similar Description - 54ACT08

ManufacturerPart #DatasheetDescription
logo
Silicon Supplies
74AC244 SS-74AC244 Datasheet
449Kb / 6P
Advanced CMOS Logic
54ACT08 SS-54ACT08 Datasheet
287Kb / 5P
Advanced CMOS Logic
74ACT08 SS-74ACT08 Datasheet
286Kb / 5P
Advanced CMOS Logic
54AC00 SS-54AC00 Datasheet
435Kb / 5P
Advanced CMOS Logic
54AC240 SS-54AC240 Datasheet
754Kb / 6P
Advanced CMOS Logic
74AC00 SS-74AC00 Datasheet
433Kb / 5P
Advanced CMOS Logic
74AC573 SS-74AC573 Datasheet
1Mb / 7P
Advanced CMOS Logic
54AC273 SS-54AC273 Datasheet
456Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
74AC240 SS-74AC240_V01 Datasheet
412Kb / 6P
Advanced CMOS Logic
Rev 1.1 30/11/21
74AC273 SS-74AC273 Datasheet
455Kb / 7P
Advanced CMOS Logic
Rev 1.0 07/12/2021
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com