Electronic Components Datasheet Search
  English  ▼

X  

54ALS00 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54ALS00
Description  Advanced Low Power Schottky Logic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ALS00 Datasheet(HTML) 2 Page - Silicon Supplies

  54ALS00 Datasheet HTML 1Page - Silicon Supplies 54ALS00 Datasheet HTML 2Page - Silicon Supplies 54ALS00 Datasheet HTML 3Page - Silicon Supplies 54ALS00 Datasheet HTML 4Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4 
www.siliconsupplies.com
 
d 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
Advanced Low Power Schottky Logic – 54ALS00
Rev 1.1
23/01/24
COORDINATES (mm)
PAD
FUNCTION
X
Y
1
1A
0.100
0.345
2
1B
0.155
0.100
3
1Y
0.345
0.100
4
2A
0.535
0.100
5
2B
0.725
0.100
6
2Y
0.770
0.345
7
GND
0.770
0.535
8
3Y
0.770
0.725
9
3A
0.725
0.970
10
3B
0.535
0.970
11
4Y
0.345
0.970
12
4A
0.155
0.970
13
4B
0.100
0.725
14
VCC
0.100
0.535
CONNECT CHIP BACK TO GND
Pad Layout and Functions
1300µm (51.18 mils)
0,0
5
4
3
2
1
6
7
8
9
10
11
12
13
14
Logic Diagram
Function Table
INPUTS
OUTPUT
A
B
Y
L
L
H
H
L
H
L
H
H
H
H
L
H = High level (steady state)
L = Low level (steady state)
1A
1B
2A
2B
3A
3B
4A
4B
1
2
4
5
9
10
12
13
3
6
8
11
1Y
2Y
3Y
4Y



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com