Electronic Components Datasheet Search
  English  ▼

X  

54ALS174 Datasheet(PDF) 4 Page - Silicon Supplies

Part # 54ALS174
Description  Advanced Low Power Schottky Logic
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54ALS174 Datasheet(HTML) 4 Page - Silicon Supplies

  54ALS174 Datasheet HTML 1Page - Silicon Supplies 54ALS174 Datasheet HTML 2Page - Silicon Supplies 54ALS174 Datasheet HTML 3Page - Silicon Supplies 54ALS174 Datasheet HTML 4Page - Silicon Supplies 54ALS174 Datasheet HTML 5Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
www.siliconsupplies.com
Advanced Low Power Schottky Logic - 54ALS174
Rev 1.1
20/01/24
AC Electrical Characteristics4 T
J = -55°C to 125°C unless otherwise specified
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
MIN
TYP
MAX
UNITS
Maximum Clock
Frequency
fmax
5V ±10%
CL = 50pF,
RL = 500Ω
40
-
-
MHz
tPLH,
3
-
20
Maximum
Propagation Delay,
CLR to Q
(Figure 1)
tPHL
5V ±10%
CL = 50pF,
RL = 500Ω
5
-
30
ns
tPLH,
3
-
20
Maximum
Propagation Delay,
CLK to Q
(Figure 1)
tPHL
5V ±10%
CL = 50pF,
RL = 500Ω
5
-
24
ns
4. Not production tested in die form, characterized by chip design and tested in package.
Timing Requirements4 T
J = -55°C to 125°C unless otherwise specified
LIMITS
PARAMETER
SYMBOL
VCC
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Pulse
Width, CLK
(Figure 3)
tw(H), tw(L),
5V ±10%
CL = 50pF,
RL = 500Ω
12.5
-
-
ns
Minimum Pulse
Width, CLR
(Figure 3)
tw(L)
5V ±10%
CL = 50pF,
RL = 500Ω
15
-
-
ns
Minimum Setup
Time Before CLK
(Figure 2)
tSU
5V ±10%
Data,
CL = 50pF,
RL = 500Ω
15
-
-
ns
Minimum Setup
Time Before CLK
(Figure 2)
tSU
5V ±10%
CLR Inactive,
CL = 50pF,
RL = 500Ω
8
-
-
ns
Hold Time,
Data after CLK
(Figure 2)
th
5V ±10%
CL = 50pF,
RL = 500Ω s
0
-
-
ns



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com