Electronic Components Datasheet Search
  English  ▼

X  

RT9645 Datasheet(PDF) 1 Page - Richtek Technology Corporation

Part # RT9645
Description  5 Channels ACPI Regulator
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9645 Datasheet(HTML) 1 Page - Richtek Technology Corporation

  RT9645 Datasheet HTML 1Page - Richtek Technology Corporation RT9645 Datasheet HTML 2Page - Richtek Technology Corporation RT9645 Datasheet HTML 3Page - Richtek Technology Corporation RT9645 Datasheet HTML 4Page - Richtek Technology Corporation RT9645 Datasheet HTML 5Page - Richtek Technology Corporation RT9645 Datasheet HTML 6Page - Richtek Technology Corporation RT9645 Datasheet HTML 7Page - Richtek Technology Corporation RT9645 Datasheet HTML 8Page - Richtek Technology Corporation RT9645 Datasheet HTML 9Page - Richtek Technology Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
RT9645
Preliminary
1
DS9645-00
August 2007
www.richtek.com
Ordering Information
General Description
The RT9645 is a combo regulator which is compliant to
ACPI specification for desktop/server power management
and system application. The part features one switching
regulator for DDR memory VDDQ power; a second PWM
controller for GMCH core power, a LDO controller for
FSB_ VTT termination, a LDO controller for 5VSB to 3VSB
conversion; and a dual power control 5VDL for S0 and S3
system power.
The part is generally operated to conform to ACPI
specification. In S3 mode, only VDDQ and 3.3VSB
regulators remain on while the FSB_ VTT regulator is off.
In the transition from S3 to S0, an internal SS capacitor is
attached for linear regulators to control its slew rate
respectively to avoid inrush current induced.
RT9645 supports both Intel VR11 and AMD K8 platform.
There is extra control pin VTT_EN to enable FSB_VTT
regulator at AMD K8 mode. This part also implements
PWM1 (VDDQ) enabled by release COMP1 at AMD K8
application. This part is assemblyed in the tiny
VQFN-24L 4x4 package.
Features
Integrated 5 Channels Power Regulator
DC/DC Buck PWM Regulator (Driver Included)
DC/DC Buck PWM Controller
Linear Regulator Controller for FSB_VTT Power
3.3VSB Linear Regulator Controller with 40mA
Output Capability
5VDL Switch Control
Conform to ACPI Specification, Supporting Power
Management at S0, S3, and S5 State
300kHz Fixed Frequency Oscillator
Low-Side RDS(ON) Current Sensing for Precision
Over-Current Detection
Thermal Shutdown
Small 24-Lead VQFN Package
RoHS Compliant and 100% Lead (Pb)-Free
5 Channels ACPI Regulator
Applications
Desktop System Power
Server System Power
Pin Configurations
(TOP VIEW)
VQFN-24L 4x4
Package Type
QV : VQFN-24L 4x4
RT9645
Operating Temperature Range
P : Pb Free with Commercial Standard
G : Green (Halogen Free with Commer-
cial Standard)
Note :
Richtek Pb-free and Green products are :
RoHS compliant and compatible with the current require-
ments of IPC/JEDEC J-STD-020.
Suitable for use in SnPb or Pb-free soldering processes.
100% matte tin (Sn) plating.
SB3V_DRV
VDD
PWM2
SS2/EN2
COMP2
FB2
VTT_DRV
VTT_SEN
VTT_EN
ISNS2
FB1
COMP1
1
2
3
4
5
6
7
21
20
19
18
17
16
15
89
10
12
14
13
24
22
23
11
PGND
25


Similar Part No. - RT9645

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641A RICHTEK-RT9641A Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641AC32 RICHTEK-RT9641AC32 Datasheet
232Kb / 14P
TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
RT9641AGS RICHTEK-RT9641AGS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9641APS RICHTEK-RT9641APS Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
More results

Similar Description - RT9645

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TEA5115 STMICROELECTRONICS-TEA5115 Datasheet
118Kb / 10P
5 CHANNELS VIDEO SWITCH
Sep-1993
TEA5116 STMICROELECTRONICS-TEA5116 Datasheet
81Kb / 8P
5 CHANNELS VIDEO SWITCH
May-1996
logo
Fairchild Semiconductor
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
DDR-1/DDR-2 plus ACPI Regulator Combo
FAN5078 FAIRCHILD-FAN5078 Datasheet
338Kb / 16P
DDR/ACPI Regulator Combo
logo
ADDtek Corp
A708 ADDTEK-A708 Datasheet
177Kb / 8P
3 CHANNELS 20mA ADVANCED CURRENT REGULATOR
AUGUST 2007
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A_07 Datasheet
231Kb / 11P
Triple Linear Regulator Controller Support ACPI Control Interface
RT9643 RICHTEK-RT9643 Datasheet
443Kb / 17P
5 Channel ACPI Regulator with Step-Down DC/DC Controller
RT9643 RICHTEK-RT9643_11 Datasheet
438Kb / 17P
5 Channel ACPI Regulator with Step-Down DC/DC Controller
logo
Intersil Corporation
ISL6537ACRZ-T INTERSIL-ISL6537ACRZ-T Datasheet
413Kb / 16P
ACPI Regulator/Controller for Dual Channel DDR Memory Systems
July 18, 2007
logo
Global Mixed-mode Techn...
G2218 GMT-G2218 Datasheet
71Kb / 1P
654 Channels PMU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com