Electronic Components Datasheet Search
  English  ▼

X  

54HC112 Datasheet(PDF) 2 Page - Silicon Supplies

Part # 54HC112
Description  High Speed CMOS Logic
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SS [Silicon Supplies]
Direct Link  https://siliconsupplies.com/
Logo SS - Silicon Supplies

54HC112 Datasheet(HTML) 2 Page - Silicon Supplies

  54HC112 Datasheet HTML 1Page - Silicon Supplies 54HC112 Datasheet HTML 2Page - Silicon Supplies 54HC112 Datasheet HTML 3Page - Silicon Supplies 54HC112 Datasheet HTML 4Page - Silicon Supplies 54HC112 Datasheet HTML 5Page - Silicon Supplies 54HC112 Datasheet HTML 6Page - Silicon Supplies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
d 
High Speed CMOS Logic – 54HC112
 
 
Rev 1.0
24/11/17
Pad Layout and Functions
 
 
  
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
 
1500µm (59.06 mils)
COORDINATES (mm)
PAD
FUNCTION
0,0
X
Y
1
1CLK
0.125
0.345
2
1K
0.135
0.125
3
1J
0.585
0.135
4
1PRE
0.755
0.135
5
1Q
1.025
0.135
6
1Q
1.225
0.135
7
2Q
1.245
0.54
8
GND
1.245
0.735
9
2Q
1.26
0.995
10
2PRE
1.26
1.165
11
2J
1.25
1.47
12
2K
0.86
1.48
13
2CLK
0.48
1.48
14
2CLR
0.125
1.47
15
1CLR
0.125
0.855
16
VCC
0.125
0.615
CONNECT CHIP BACK TO VCC OR FLOAT
9
8
7
6
5
4
3
2
1
16
15
14
13
12
10
11
DIE ID
Truth Table
Logic Diagram
INPUTS
OUTPUTS
PRE
CLR
CLK
J
K
Q
Q
L
H
X
X
X
H
L
H
L
X
X
X
L
H
L
L
X
X
X
H*
H*
H
H
↓
L
L
NO CHANGE
H
H
↓
H
L
H
L
H
H
↓
L
H
L
H
H
H
↓
H
H
TOGGLE
H
H
H
X
X
NO CHANGE
H = High level (steady state), L = Low level (steady state)
X = Don’t care, ↓ = High-to-Low transition
* Output states unpredictable if both PRE and CLR go High
simultaneously after both being low at the same time.
x1 Flip-Flop
Page 2 of 6 
www.siliconsupplies.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com